Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 360 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 360 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 356Page - Renesas Technology Corp SH7672 Datasheet HTML 357Page - Renesas Technology Corp SH7672 Datasheet HTML 358Page - Renesas Technology Corp SH7672 Datasheet HTML 359Page - Renesas Technology Corp SH7672 Datasheet HTML 360Page - Renesas Technology Corp SH7672 Datasheet HTML 361Page - Renesas Technology Corp SH7672 Datasheet HTML 362Page - Renesas Technology Corp SH7672 Datasheet HTML 363Page - Renesas Technology Corp SH7672 Datasheet HTML 364Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 360 / 1292 page
background image
Section 8 Direct Memory Access Controller (DMAC)
Rev. 1.00 Nov. 14, 2007 Page 334 of 1262
REJ09B0437-0100
Address output to external memory space
Select signal to external memory space
Select signal to external memory space
Data output from external device with DACK
DACK signal (active-low) to external device with DACK
Write strobe signal to external memory space
Address output to external memory space
Data output from external memory space
DACK signal (active-low) to external device with DACK
Read strobe signal to external memory space
(a) External device with DACK
→ External memory space (normal memory)
(b) External memory space (normal memory)
→ External device with DACK
CK
A25 to A0
D31 to D0
DACKn
CSn
WEn
CK
A25 to A0
D31 to D0
DACKn
CSn
RD
Figure 8.8 Example of DMA Transfer Timing in Single Address Mode
(2) Bus Modes
There are two bus modes; cycle steal and burst. Select the mode by the TB bits in the channel
control registers (CHCR).
(a) Cycle Steal Mode
• Normal mode
In normal mode of cycle steal, the bus mastership is given to another bus master after a one-
transfer-unit (byte, word, longword, or 16-byte unit) DMA transfer. When another transfer
request occurs, the bus mastership is obtained from another bus master and a transfer is
performed for one transfer unit. When that transfer ends, the bus mastership is passed to
another bus master. This is repeated until the transfer end conditions are satisfied.
The cycle-steal normal mode can be used for any transfer section; transfer request source,
transfer source, and transfer destination.
Figure 8.9 shows an example of DMA transfer timing in cycle-steal normal mode. Transfer
conditions shown in the figure are;
 Dual address mode
 DREQ low level detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com