Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 356 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 356 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 352Page - Renesas Technology Corp SH7672 Datasheet HTML 353Page - Renesas Technology Corp SH7672 Datasheet HTML 354Page - Renesas Technology Corp SH7672 Datasheet HTML 355Page - Renesas Technology Corp SH7672 Datasheet HTML 356Page - Renesas Technology Corp SH7672 Datasheet HTML 357Page - Renesas Technology Corp SH7672 Datasheet HTML 358Page - Renesas Technology Corp SH7672 Datasheet HTML 359Page - Renesas Technology Corp SH7672 Datasheet HTML 360Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 356 / 1292 page
background image
Section 8 Direct Memory Access Controller (DMAC)
Rev. 1.00 Nov. 14, 2007 Page 330 of 1262
REJ09B0437-0100
8.4.4
DMA Transfer Types
DMA transfer has two types; single address mode transfer and dual address mode transfer. They
depend on the number of bus cycles of access to the transfer source and destination. A data
transfer timing depends on the bus mode, which is the cycle steal mode or burst mode. The
DMAC supports the transfers shown in table 8.9.
Table 8.9
Supported DMA Transfers
Transfer Destination
Transfer Source
External Device
with DACK
External
Memory
Memory-Mapped
External Device
On-Chip
Peripheral Module
On-Chip
Memory
External device
with DACK
Not available
Dual, single
Dual, single
Not available
Not available
External memory
Dual, single
Dual
Dual
Dual
Dual
Memory-mapped
external device
Dual, single
Dual
Dual
Dual
Dual
On-chip
peripheral module
Not available
Dual
Dual
Dual
Dual
On-chip memory
Not available
Dual
Dual
Dual
Dual
Notes: 1. Dual: Dual address mode
2. Single: Single address mode
3. 16-byte transfer is available only for on-chip peripheral modules that support longword
access.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com