Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 355 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 355 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 351Page - Renesas Technology Corp SH7672 Datasheet HTML 352Page - Renesas Technology Corp SH7672 Datasheet HTML 353Page - Renesas Technology Corp SH7672 Datasheet HTML 354Page - Renesas Technology Corp SH7672 Datasheet HTML 355Page - Renesas Technology Corp SH7672 Datasheet HTML 356Page - Renesas Technology Corp SH7672 Datasheet HTML 357Page - Renesas Technology Corp SH7672 Datasheet HTML 358Page - Renesas Technology Corp SH7672 Datasheet HTML 359Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 355 / 1292 page
background image
Section 8 Direct Memory Access Controller (DMAC)
Rev. 1.00 Nov. 14, 2007 Page 329 of 1262
REJ09B0437-0100
Figure 8.4 shows how the priority order changes when channel 0 and channel 3 transfers are
requested simultaneously and a channel 1 transfer is requested during the channel 0 transfer. The
DMAC operates as follows:
1. Transfer requests are generated simultaneously to channels 0 and 3.
2. Channel 0 has a higher priority, so the channel 0 transfer begins first (channel 3 waits for
transfer).
3. A channel 1 transfer request occurs during the channel 0 transfer (channels 1 and 3 are both
waiting)
4. When the channel 0 transfer ends, channel 0 is given the lowest priority among the round-robin
channels.
5. At this point, channel 1 has a higher priority than channel 3, so the channel 1 transfer begins
(channel 3 waits for transfer).
6. When the channel 1 transfer ends, channel 1 is given the lowest priority among the round-robin
channels.
7. The channel 3 transfer begins.
8. When the channel 3 transfer ends, channels 3 and 2 are lowered in priority so that channel 3 is
given the lowest priority among the round-robin channels.
Transfer request
Waiting channel(s)
DMAC operation
Channel priority
(1) Channels 0 and 3
(3) Channel 1
0 > 1 > 2 > 3 > 4 > 5 > 6 > 7
(2) Channel 0 transfer start
(4) Channel 0 transfer ends
(5) Channel 1 transfer starts
(6) Channel 1 transfer ends
(7) Channel 3 transfer starts
(8) Channel 3 transfer ends
1 > 2 > 3 > 0 > 4 > 5 > 6 > 7
2 > 3 > 0 > 1 > 4 > 5 > 6 > 7
0 > 1 > 2 > 3 > 4 > 5 > 6 > 7
Priority order
changes
Priority order
changes
Priority order
changes
None
3
3
1, 3
Figure 8.4 Changes in Channel Priority in Round-Robin Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com