Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 359 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 359 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 355Page - Renesas Technology Corp SH7672 Datasheet HTML 356Page - Renesas Technology Corp SH7672 Datasheet HTML 357Page - Renesas Technology Corp SH7672 Datasheet HTML 358Page - Renesas Technology Corp SH7672 Datasheet HTML 359Page - Renesas Technology Corp SH7672 Datasheet HTML 360Page - Renesas Technology Corp SH7672 Datasheet HTML 361Page - Renesas Technology Corp SH7672 Datasheet HTML 362Page - Renesas Technology Corp SH7672 Datasheet HTML 363Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 359 / 1292 page
background image
Section 8 Direct Memory Access Controller (DMAC)
Rev. 1.00 Nov. 14, 2007 Page 333 of 1262
REJ09B0437-0100
(b) Single Address Mode
In single address mode, both the transfer source and destination are external devices, either of
them is accessed (selected) by the DACK signal, and the other device is accessed by an address. In
this mode, the DMAC performs one DMA transfer in one bus cycle, accessing one of the external
devices by outputting the DACK transfer request acknowledge signal to it, and at the same time
outputting an address to the other device involved in the transfer. For example, in the case of
transfer between external memory and an external device with DACK shown in figure 8.7, when
the external device outputs data to the data bus, that data is written to the external memory in the
same bus cycle.
External address bus
External data bus
DMAC
External
memory
DACK
DREQ
Data flow (from memory to device)
Data flow (from device to memory)
External device
with DACK
This LSI
Figure 8.7 Data Flow in Single Address Mode
Two kinds of transfer are possible in single address mode: (1) transfer between an external device
with DACK and a memory-mapped external device, and (2) transfer between an external device
with DACK and external memory. In both cases, only the external request signal (DREQ) is used
for transfer requests.
Figure 8.8 shows an example of DMA transfer timing in single address mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com