Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 361 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 361 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 357Page - Renesas Technology Corp SH7672 Datasheet HTML 358Page - Renesas Technology Corp SH7672 Datasheet HTML 359Page - Renesas Technology Corp SH7672 Datasheet HTML 360Page - Renesas Technology Corp SH7672 Datasheet HTML 361Page - Renesas Technology Corp SH7672 Datasheet HTML 362Page - Renesas Technology Corp SH7672 Datasheet HTML 363Page - Renesas Technology Corp SH7672 Datasheet HTML 364Page - Renesas Technology Corp SH7672 Datasheet HTML 365Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 361 / 1292 page
background image
Section 8 Direct Memory Access Controller (DMAC)
Rev. 1.00 Nov. 14, 2007 Page 335 of 1262
REJ09B0437-0100
CPU
CPU
CPU
DMAC DMAC
CPU
DMAC DMAC
CPU
DREQ
Bus cycle
Bus mastership returned to CPU once
Read/Write
Read/Write
Figure 8.9 DMA Transfer Example in Cycle-Steal Normal Mode
(Dual Address, DREQ Low Level Detection)
• Intermittent Mode 16 and Intermittent Mode 64
In intermittent mode of cycle steal, DMAC returns the bus mastership to other bus master
whenever a unit of transfer (byte, word, longword, or 16 bytes) is completed. If the next
transfer request occurs after that, DMAC obtains the bus mastership from other bus master
after waiting for 16 or 64 cycles of B
φ clock. DMAC then transfers data of one unit and returns
the bus mastership to other bus master. These operations are repeated until the transfer end
condition is satisfied. It is thus possible to make lower the ratio of bus occupation by DMA
transfer than the normal mode of cycle steal.
When DMAC obtains again the bus mastership, DMA transfer may be postponed in case of
entry updating due to cache miss.
The cycle-steal intermittent mode can be used for any transfer section; transfer request source,
transfer source, and transfer destination. The bus modes, however, must be cycle steal mode in
all channels.
Figure 8.10 shows an example of DMA transfer timing in cycle-steal intermittent mode.
Transfer conditions shown in the figure are;
 Dual address mode
 DREQ low level detection
DREQ
CPU
CPU
Bus cycle
CPU
DMAC DMAC
CPU
CPU
DMAC DMAC
CPU
Read/Write
Read/Write
More than 16 or 64 B
φ clock cycles
(depends on the CPU's condition of using bus)
Figure 8.10 Example of DMA Transfer in Cycle-Steal Intermittent Mode
(Dual Address, DREQ Low Level Detection)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com