Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 367 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 367 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 363Page - Renesas Technology Corp SH7672 Datasheet HTML 364Page - Renesas Technology Corp SH7672 Datasheet HTML 365Page - Renesas Technology Corp SH7672 Datasheet HTML 366Page - Renesas Technology Corp SH7672 Datasheet HTML 367Page - Renesas Technology Corp SH7672 Datasheet HTML 368Page - Renesas Technology Corp SH7672 Datasheet HTML 369Page - Renesas Technology Corp SH7672 Datasheet HTML 370Page - Renesas Technology Corp SH7672 Datasheet HTML 371Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 367 / 1292 page
background image
Section 8 Direct Memory Access Controller (DMAC)
Rev. 1.00 Nov. 14, 2007 Page 341 of 1262
REJ09B0437-0100
Figure 8.17 shows the TEND output timing.
CKIO
DACK
DREQ
TEND
Bus cycle
End of DMA transfer
DMAC
CPU
CPU
CPU
DMAC
Figure 8.17 Example of DMA Transfer End Signal Timing
(Cycle Steal Mode Level Detection)
The unit of the DMA transfer is divided into multiple bus cycles when 16-byte transfer is
performed for an 8-bit, 16-bit, or 32-bit external device, when longword access is performed for an
8-bit or 16-bit external device, or when word access is performed for an 8-bit external device.
When a setting is made so that the DMA transfer size is divided into multiple bus cycles and the
CS signal is negated between bus cycles, note that DACK and TEND are divided like the CS
signal for data alignment as shown in figure 8.18. Figures 8.13 to 8.17 show cases in which TACK
and TEND are not divided at the time of DMA transfer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com