Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 371 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 371 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 367Page - Renesas Technology Corp SH7672 Datasheet HTML 368Page - Renesas Technology Corp SH7672 Datasheet HTML 369Page - Renesas Technology Corp SH7672 Datasheet HTML 370Page - Renesas Technology Corp SH7672 Datasheet HTML 371Page - Renesas Technology Corp SH7672 Datasheet HTML 372Page - Renesas Technology Corp SH7672 Datasheet HTML 373Page - Renesas Technology Corp SH7672 Datasheet HTML 374Page - Renesas Technology Corp SH7672 Datasheet HTML 375Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 371 / 1292 page
background image
Section 9 Clock Pulse Generator (CPG)
Rev. 1.00 Nov. 14, 2007 Page 345 of 1262
REJ09B0437-0100
The clock pulse generator blocks function as follows:
(1) Crystal Oscillator
The crystal oscillator is an oscillation circuit in which the crystal resonator is connected to the
XTAL/EXTAL pin or USB_X1/USB_X2 pin. This can be used according to the clock operating
mode.
(2) Divider 1
Divider 1 divides the frequency of one of the three clocks: the clock from the crystal resonator or
the EXTAL pin, the clock from the CKIO pin, and the clock from the crystal resonator or the
USB_X1 pin. The division ratio depends on the clock operating mode.
(3) PLL Circuit
The PLL circuit multiplies the frequency of the output from divider 1 by 8 or 12. The
multiplication rate is set by the frequency control register. When this is done, the phase of the
rising edge of the internal clock is controlled so that it will agree with the phase of the rising edge
of the CKIO pin.
The input clock to be used depends on the clock operating mode. The clock operating mode is
specified using the MD_CK0 and MD_CK1 pins. For details on the clock operating mode, see
table 9.2.
(4) Divider 2
Divider 2 divides the frequency of output of the PLL circuit to generate an internal clock, a bus
clock, and a peripheral clock. The internal clock can be 1 or 1/2 times the output frequency of the
PLL circuit, and it should not be lower than the clock frequency on the CKIO pin. The peripheral
clock can be 1/4, 1/6, 1/8, or 1/12 times the output frequency of the PLL circuit, and it should not
be higher than the half of the clock frequency on the CKIO pin. The bus clock is automatically
determined by hardware at the division ratio against the output frequency of the PLL circuit so
that it will be 4 times the clock source (when clock mode = 0), 2 times (when clock mode = 1 or
3), or 1 times (when clock mode = 2).
(5) Clock Frequency Control Circuit
The clock frequency control circuit controls the clock frequency using the MD_CK0 and
MD_CK1 pins and the frequency control register (FRQCR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com