Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 370 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 370 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 366Page - Renesas Technology Corp SH7672 Datasheet HTML 367Page - Renesas Technology Corp SH7672 Datasheet HTML 368Page - Renesas Technology Corp SH7672 Datasheet HTML 369Page - Renesas Technology Corp SH7672 Datasheet HTML 370Page - Renesas Technology Corp SH7672 Datasheet HTML 371Page - Renesas Technology Corp SH7672 Datasheet HTML 372Page - Renesas Technology Corp SH7672 Datasheet HTML 373Page - Renesas Technology Corp SH7672 Datasheet HTML 374Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 370 / 1292 page
background image
Section 9 Clock Pulse Generator (CPG)
Rev. 1.00 Nov. 14, 2007 Page 344 of 1262
REJ09B0437-0100
Figure 9.1 shows a block diagram of the clock pulse generator.
USB_X1
PLL circuit 1
(
× 8,12,16)
Crystal
oscillator
On-chip oscillator
Peripheral bus
Bus interface
FRQCR
[Legend]
: Frequency control register
EXTAL
XTAL
MD_CLK1
MD_CLK0
FRQCR
CPG control unit
Clock frequency
control circuit
Standby control circuit
USB_X2
× 1
× 1/2
× 1/3
× 1/4
× 1/6
× 1/8
× 1/12
MTU clock
(I
φ, Max. 200 MHz)
Bus clock
(B
φ = CKIO, Max. 66.67 MHz)
Peripheral clock
(P
φ, Max. 33.33 MHz)
Divider 2
× 1
× 1/2
× 1/4
Divider 1
CKIO
Crystal
oscillator
Figure 9.1 Block Diagram of Clock Pulse Generator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com