Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 375 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 375 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 371Page - Renesas Technology Corp SH7672 Datasheet HTML 372Page - Renesas Technology Corp SH7672 Datasheet HTML 373Page - Renesas Technology Corp SH7672 Datasheet HTML 374Page - Renesas Technology Corp SH7672 Datasheet HTML 375Page - Renesas Technology Corp SH7672 Datasheet HTML 376Page - Renesas Technology Corp SH7672 Datasheet HTML 377Page - Renesas Technology Corp SH7672 Datasheet HTML 378Page - Renesas Technology Corp SH7672 Datasheet HTML 379Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 375 / 1292 page
background image
Section 9 Clock Pulse Generator (CPG)
Rev. 1.00 Nov. 14, 2007 Page 349 of 1262
REJ09B0437-0100
9.3
Clock Operating Modes
Table 9.2 shows the relationship between the combinations of the mode control pins (MD_CK1
and MD_CK0) and the clock operating modes. Table 9.3 shows the usable frequency ranges in the
clock operating modes.
Table 9.2
Clock Operating Modes
Pin Values
Clock I/O
Mode MD_CK1
MD_CK0
Source
Output
Divider
2
PLL Circuit
On/Off
CKIO Frequency
0
0
0
EXTAL or
crystal
resonator
CKIO
1
ON (
× 8, 12)
(EXTAL or crystal
resonator)
× 4
1
0
1
EXTAL
CKIO
1/2
ON (
× 8, 12)
(EXTAL or crystal
resonator)
× 2
2
1
0
CKIO
1/4
ON (
× 8, 12)
(CKIO)
3
1
1
USB_X1 or
crystal
resonator
CKIO
1/2
ON (
× 8)
(USB_X1 or crystal
resonator)
× 2
• Mode 0
In mode 0, clock is input from the EXTAL pin or the crystal resonator. The PLL circuit shapes
waveforms and the frequency is multiplied according to the frequency control register setting
before the clock is supplied to the LSI. The oscillating frequency for the crystal resonator and
EXTAL pin input clock ranges from 15 to 25 MHz*. The frequency range of CKIO is from 60
to 100 MHz*. To reduce current supply, pull up the USB_X1 pin and open the USB_X2 pin
when USB is not used.
Note: * These are target values that were set when we prepared this hardware manual. We will
determine the guaranteed maximum frequencies after the final evaluation result of this
LSI is obtained.
• Mode 1
In mode 1, clock is input from the EXTAL pin. The PLL circuit shapes waveform and the
frequency is multiplied according to the frequency control register setting before the clock is
supplied to the LSI. The oscillating frequency for the EXTAL pin input clock ranges from 30*
to 50 MHz*. The frequency range of CKIO is from 60 to 100 MHz*. To reduce current supply,
pull up the USB_X1 pin and open the USB_X2 pin when USB is not used.
Note: * These are target values that were set when we prepared this hardware manual. We will
determine the guaranteed maximum frequencies after the final evaluation result of this
LSI is obtained.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com