Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 384 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 384 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 380Page - Renesas Technology Corp SH7672 Datasheet HTML 381Page - Renesas Technology Corp SH7672 Datasheet HTML 382Page - Renesas Technology Corp SH7672 Datasheet HTML 383Page - Renesas Technology Corp SH7672 Datasheet HTML 384Page - Renesas Technology Corp SH7672 Datasheet HTML 385Page - Renesas Technology Corp SH7672 Datasheet HTML 386Page - Renesas Technology Corp SH7672 Datasheet HTML 387Page - Renesas Technology Corp SH7672 Datasheet HTML 388Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 384 / 1292 page
background image
Section 9 Clock Pulse Generator (CPG)
Rev. 1.00 Nov. 14, 2007 Page 358 of 1262
REJ09B0437-0100
9.5.2
Changing the Division Ratio
Counting by the WDT does not proceed if the frequency divisor is changed but the multiplier is
not.
1. In the initial state, IFC
= B'0 and PFC[2:0] = B'011.
2. Set the desired value in the IFC and PFC2 to IFC0 bits. The values that can be set are limited
by the clock operating mode and the multiplication rate of PLL circuit. Note that if the wrong
value is set, this LSI will malfunction.
3. After the register bits (IFC and PFC2 to PFC0) have been set, the clock is supplied of the new
division ratio.
Note:
When executing the SLEEP instruction after the frequency has been changed, be sure to
read the frequency control register (FRQCR) three times before executing the SLEEP
instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com