Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 389 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 389 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 385Page - Renesas Technology Corp SH7672 Datasheet HTML 386Page - Renesas Technology Corp SH7672 Datasheet HTML 387Page - Renesas Technology Corp SH7672 Datasheet HTML 388Page - Renesas Technology Corp SH7672 Datasheet HTML 389Page - Renesas Technology Corp SH7672 Datasheet HTML 390Page - Renesas Technology Corp SH7672 Datasheet HTML 391Page - Renesas Technology Corp SH7672 Datasheet HTML 392Page - Renesas Technology Corp SH7672 Datasheet HTML 393Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 389 / 1292 page
background image
Section 10 Watchdog Timer (WDT)
Rev. 1.00 Nov. 14, 2007 Page 363 of 1262
REJ09B0437-0100
10.3
Register Descriptions
The WDT has the following registers.
Table 10.2
Register Configuration
Register Name
Abbreviation R/W
Initial
Value
Address
Access
Size
Watchdog timer counter
WTCNT
R/W
H'00
H'FFFE0002
16*
Watchdog timer control/status
register
WTCSR
R/W
H'18
H'FFFE0000
16*
Watchdog reset control/status
register
WRCSR
R/W
H'1F
H'FFFE0004
16*
Note:
*
For the access size, see section 10.3.4, Notes on Register Access.
10.3.1
Watchdog Timer Counter (WTCNT)
WTCNT is an 8-bit readable/writable register that is incremented by cycles of the selected clock
signal. When an overflow occurs, it generates a watchdog timer overflow signal (
WDTOVF) in
watchdog timer mode and an interrupt in interval timer mode. WTCNT is initialized to H'00 by a
power-on reset caused by the
RES pin or in software standby mode.
Use word access to write to WTCNT, writing H'5A in the upper byte. Use byte access to read
from WTCNT.
Note:
The method for writing to WTCNT differs from that for other registers to prevent
erroneous writes. See section 10.3.4, Notes on Register Access, for details.
7654321
0
00000000
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
Initial value:
R/W:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com