Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 442 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 442 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 438Page - Renesas Technology Corp SH7672 Datasheet HTML 439Page - Renesas Technology Corp SH7672 Datasheet HTML 440Page - Renesas Technology Corp SH7672 Datasheet HTML 441Page - Renesas Technology Corp SH7672 Datasheet HTML 442Page - Renesas Technology Corp SH7672 Datasheet HTML 443Page - Renesas Technology Corp SH7672 Datasheet HTML 444Page - Renesas Technology Corp SH7672 Datasheet HTML 445Page - Renesas Technology Corp SH7672 Datasheet HTML 446Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 442 / 1292 page
background image
Section 12 Ethernet Controller (EtherC)
Rev. 1.00 Nov. 14, 2007 Page 416 of 1262
REJ09B0437-0100
12.3.14
Frame Receive Error Counter Register (FRECR)
FRECR is a 32-bit counter that indicates the number of frames input from the PHY for which a
receive error was indicated by the RX-ER pin. FRECR is incremented each time the RX-ER pin
becomes active. When the value in this register reaches H'FFFFFFFF, the count is halted. The
counter value is cleared to 0 by a write to this register with any value.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Bit:
Initial value:
R/W:
15
14
13
12
11
10
9876543210
Bit:
Initial value:
R/W:
0000000000000000
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
0000000000000000
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
FREC[31:16]
FREC[15:0]
Bit
Bit Name
Initial
Value
R/W
Description
31 to 0 FREC[31:0]
All 0
R/W
Frame Receive Error Count
These bits indicate the count of errors during frame
reception.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com