Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 439 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 439 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 435Page - Renesas Technology Corp SH7672 Datasheet HTML 436Page - Renesas Technology Corp SH7672 Datasheet HTML 437Page - Renesas Technology Corp SH7672 Datasheet HTML 438Page - Renesas Technology Corp SH7672 Datasheet HTML 439Page - Renesas Technology Corp SH7672 Datasheet HTML 440Page - Renesas Technology Corp SH7672 Datasheet HTML 441Page - Renesas Technology Corp SH7672 Datasheet HTML 442Page - Renesas Technology Corp SH7672 Datasheet HTML 443Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 439 / 1292 page
background image
Section 12 Ethernet Controller (EtherC)
Rev. 1.00 Nov. 14, 2007 Page 413 of 1262
REJ09B0437-0100
12.3.11
Lost Carrier Counter Register (LCCR)
LCCR is a 32-bit counter that indicates the number of times the carrier was lost during data
transmission. When the value in this register reaches H'FFFFFFFF, the count is halted. The
counter value is cleared to 0 by writing to this register with any value.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Bit:
Initial value:
R/W:
15
14
13
12
11
10
9876543210
Bit:
Initial value:
R/W:
0000000000000000
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
0000000000000000
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
LCC[31:16]
LCC[15:0]
Bit
Bit Name
Initial
Value
R/W
Description
31 to 0 LCC[31:0]
All 0
R/W
Lost Carrier Count
These bits indicate the number of times the carrier
was lost during data transmission.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com