Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 435 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 435 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 431Page - Renesas Technology Corp SH7672 Datasheet HTML 432Page - Renesas Technology Corp SH7672 Datasheet HTML 433Page - Renesas Technology Corp SH7672 Datasheet HTML 434Page - Renesas Technology Corp SH7672 Datasheet HTML 435Page - Renesas Technology Corp SH7672 Datasheet HTML 436Page - Renesas Technology Corp SH7672 Datasheet HTML 437Page - Renesas Technology Corp SH7672 Datasheet HTML 438Page - Renesas Technology Corp SH7672 Datasheet HTML 439Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 435 / 1292 page
background image
Section 12 Ethernet Controller (EtherC)
Rev. 1.00 Nov. 14, 2007 Page 409 of 1262
REJ09B0437-0100
12.3.7
Receive Frame Length Register (RFLR)
RFLR is a 32-bit readable/writable register and it specifies the maximum frame length (in bytes)
that can be received by this LSI. The settings in this register must not be changed while the
receiving function is enabled.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Bit:
Initial value:
R/W:
15
14
13
12
11
10
9876543210
bit:
Initial value:
R/W:
0000000000000000
RRRRRRRRRRRRRRRR
0000000000000000
RRRR
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
---
-
----
------------
RFL[11:0]
Bit
Bit Name
Initial
Value
R/W
Description
31 to 12
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
11 to 0
RFL[11:0]
All 0
R/W
Receive Frame Length 11 to 0
The frame length described here refers to all fields
from the destination address up to and including the
CRC data. Frame contents from the destination
address up to and including the data are actually
transferred to memory. CRC data is not included in
the transfer.
When data that exceeds the specified value is
received, the part of the data that exceeds the
specified value is discarded.
H'000 to H'5EE: 1,518 bytes
H'5EF: 1,519 bytes
H'5F0: 1,520 bytes
:
:
H'7FF: 2,047 bytes
H'800 to H'FFF: 2,048 bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com