Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 431 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 431 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 427Page - Renesas Technology Corp SH7672 Datasheet HTML 428Page - Renesas Technology Corp SH7672 Datasheet HTML 429Page - Renesas Technology Corp SH7672 Datasheet HTML 430Page - Renesas Technology Corp SH7672 Datasheet HTML 431Page - Renesas Technology Corp SH7672 Datasheet HTML 432Page - Renesas Technology Corp SH7672 Datasheet HTML 433Page - Renesas Technology Corp SH7672 Datasheet HTML 434Page - Renesas Technology Corp SH7672 Datasheet HTML 435Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 431 / 1292 page
background image
Section 12 Ethernet Controller (EtherC)
Rev. 1.00 Nov. 14, 2007 Page 405 of 1262
REJ09B0437-0100
12.3.3
EtherC Interrupt Permission Register (ECSIPR)
ECSIPR is a 32-bit readable/writable register that enables or disables the interrupt sources
indicated by ECSR. Each bit can disable or enable interrupts corresponding to the bits in ECSR.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Bit:
Initial value:
R/W:
15
14
13
12
11
10
9876543210
Bit:
Initial value:
R/W:
0000000000000000
RRRRRRRRRRRRRRRR
0000000000000000
RRRRRRRRRRR
R/W
R
R/W
R/W
R/W
----------------
-----------
PSRTO
IP
-
LCHNG
IP
MPD
IP
ICD
IP
Bit
Bit Name
Initial
Value
R/W
Description
31 to 5
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
4
PSRTOIP
0
R/W
PAUSE Frame Retransfer Retry Over Interrupt Enable
0: Interrupt notification by the PSRTO bit is disabled
1: Interrupt notification by the PSRTO bit is enabled
3
—
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.
2
LCHNGIP
0
R/W
LINK Signal Changed Interrupt Enable
0: Interrupt notification by the LCHNG bit is disabled
1: Interrupt notification by the LCHNG bit is enabled
1
MPDIP
0
R/W
Magic Packet Detection Interrupt Enable
0: Interrupt notification by the MPD bit is disabled
1: Interrupt notification by the MPD bit is enabled
0
ICDIP
0
R/W
Illegal Carrier Detection Interrupt Enable
0: Interrupt notification by the ICD bit is disabled
1: Interrupt notification by the ICD bit is enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com