Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 429 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 429 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 425Page - Renesas Technology Corp SH7672 Datasheet HTML 426Page - Renesas Technology Corp SH7672 Datasheet HTML 427Page - Renesas Technology Corp SH7672 Datasheet HTML 428Page - Renesas Technology Corp SH7672 Datasheet HTML 429Page - Renesas Technology Corp SH7672 Datasheet HTML 430Page - Renesas Technology Corp SH7672 Datasheet HTML 431Page - Renesas Technology Corp SH7672 Datasheet HTML 432Page - Renesas Technology Corp SH7672 Datasheet HTML 433Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 429 / 1292 page
background image
Section 12 Ethernet Controller (EtherC)
Rev. 1.00 Nov. 14, 2007 Page 403 of 1262
REJ09B0437-0100
Bit
Bit Name
Initial
Value
R/W
Description
0
PRM
0
R/W
Promiscuous Mode
Setting this bit enables all Ethernet frames to be
received. All Ethernet frames means all receivable
frames, irrespective of differences or enabled/disabled
status (destination address, broadcast address,
multicast bit, etc.).
0: EtherC performs normal operation
1: EtherC performs promiscuous mode operation
12.3.2
EtherC Status Register (ECSR)
ECSR is a 32-bit readable/writable register and indicates the status in the EtherC. This status can
be notified to the CPU by interrupts. When 1 is written to the PSRTO, LCHNG, MPD, and ICD,
the corresponding flags can be cleared. Writing 0 does not affect the flag. For bits that generate
interrupt, the interrupt can be enabled or disabled according to the corresponding bit in ECSIPR.
The interrupts generated due to this status register are indicated in the ECI bit in EESR.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Initial value:
Initial value:
R/W:
15
14
13
12
11
10
9876543210
Bit:
Initial value:
R/W:
0000000000000000
RRRRRRRRRRRRRRRR
0000000000000000
RRRRRRRRRRR
R/W
R
R/W
R/W
R/W
----------------
-----------
PSRTO
-
LCHNG
MPD
ICD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com