Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 428 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 428 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 424Page - Renesas Technology Corp SH7672 Datasheet HTML 425Page - Renesas Technology Corp SH7672 Datasheet HTML 426Page - Renesas Technology Corp SH7672 Datasheet HTML 427Page - Renesas Technology Corp SH7672 Datasheet HTML 428Page - Renesas Technology Corp SH7672 Datasheet HTML 429Page - Renesas Technology Corp SH7672 Datasheet HTML 430Page - Renesas Technology Corp SH7672 Datasheet HTML 431Page - Renesas Technology Corp SH7672 Datasheet HTML 432Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 428 / 1292 page
background image
Section 12 Ethernet Controller (EtherC)
Rev. 1.00 Nov. 14, 2007 Page 402 of 1262
REJ09B0437-0100
Bit
Bit Name
Initial
Value
R/W
Description
6
RE
0
R/W
Reception Enable
If a frame is being received when this bit is switched
from receive function enabled (RE = 1) to disabled (RE
= 0), the receive function will be enabled until reception
of the corresponding frame is completed.
0: Receive function is disabled
1: Receive function is enabled
5
TE
0
R/W
Transmission Enable
If a frame is being transmitted when this bit is switched
from transmit function enabled (TE = 1) to disabled (TE
= 0), the transmit function will be enabled until
transmission of the corresponding frame is completed.
0: Transmit function is disabled
1: Transmit function is enabled
4
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.
3
ILB
0
R/W
Internal Loop Back Mode
Specifies loopback mode in the EtherC.
0: Normal data transmission/reception is performed.
1: When DM = 1, data loopback is performed inside
the MAC in the EtherC.
2
ELB
0
R/W
External Loop Back Mode
This bit value is output directly to this LSI’s general-
purpose external output pin (EXOUT). This bit is used
for loopback mode directives, etc., in the LSI, using the
EXOUT pin. In order for LSI loopback to be
implemented using this function, the LSI must have a
pin corresponding to the EXOUT pin.
0: Low-level output from the EXOUT pin
1: High-level output from the EXOUT pin
1
DM
0
R/W
Duplex Mode
Specifies the EtherC transfer method.
0: Half-duplex transfer is specified
1: Full-duplex transfer is specified



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com