Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 430 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 430 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 426Page - Renesas Technology Corp SH7672 Datasheet HTML 427Page - Renesas Technology Corp SH7672 Datasheet HTML 428Page - Renesas Technology Corp SH7672 Datasheet HTML 429Page - Renesas Technology Corp SH7672 Datasheet HTML 430Page - Renesas Technology Corp SH7672 Datasheet HTML 431Page - Renesas Technology Corp SH7672 Datasheet HTML 432Page - Renesas Technology Corp SH7672 Datasheet HTML 433Page - Renesas Technology Corp SH7672 Datasheet HTML 434Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 430 / 1292 page
background image
Section 12 Ethernet Controller (EtherC)
Rev. 1.00 Nov. 14, 2007 Page 404 of 1262
REJ09B0437-0100
Bit
Bit Name
Initial
Value
R/W
Description
31 to 5
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
4
PSRTO
0
R/W
PAUSE Frame Retransfer Retry Over
Indicates that during the retransfer of PAUSE frames
when the flow control is enabled, the number of retries
has exceeded the upper limit set in the automatic
PAUSE frame retransfer count set register
(TPAUSER).
0: Number of PAUSE frame retransfers has not
exceeded the upper limit
1: Number of PAUSE frame retransfers has exceeded
the upper limit
3
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.
2
LCHNG
0
R/W
Link Signal Change
Indicates that the LNKSTA signal input from the PHY
has changed from high to low or low to high.
To check the current Link state, refer to the LMON bit
in the PHY status register (PSR).
0: Changes in the LNKSTA signal are not detected
1: Changes in the LNKSTA signal are detected (high
to low or low to high)
1
MPD
0
R/W
Magic Packet Detection
Indicates that a Magic Packet has been detected on
the line.
0: Magic Packet has not been detected
1: Magic Packet has been detected
0
ICD
0
R/W
Illegal Carrier Detection
Indicates that the PHY has detected an illegal carrier
on the line. If a change in the signal input from the
PHY occurs before the software recognition period,
the correct information may not be obtained. Refer to
the timing specification for the PHY used.
0: LSI has not detected an illegal carrier on the line
1: LSI has detected an illegal carrier on the line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com