Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 516 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 516 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 512Page - Renesas Technology Corp SH7672 Datasheet HTML 513Page - Renesas Technology Corp SH7672 Datasheet HTML 514Page - Renesas Technology Corp SH7672 Datasheet HTML 515Page - Renesas Technology Corp SH7672 Datasheet HTML 516Page - Renesas Technology Corp SH7672 Datasheet HTML 517Page - Renesas Technology Corp SH7672 Datasheet HTML 518Page - Renesas Technology Corp SH7672 Datasheet HTML 519Page - Renesas Technology Corp SH7672 Datasheet HTML 520Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 516 / 1292 page
background image
Section 13 Ethernet Controller Direct Memory Access Controller (E-DMAC)
Rev. 1.00 Nov. 14, 2007 Page 490 of 1262
REJ09B0437-0100
0
Next header*1
Next header*1 Header length*2
IPv4/IPv6/others (Decision)
Payload length
The content of an extension header is not the target
of checksum calculation.
Data
Receive IP
Transmit IP
Receive IP
Transmit IP
Transmit IP
Transmit IP
Transmit IP
Transmit IP
Transmit IP
Transmit IP
No. 31
16
15
0
1
2
3
4
5
6
7
8
9
10
11
12
13
Note: 1. Calculation applies only to TCP/UDP. Calculation requires an
expansion to {8'h00, next header[7:0]}.
2. This is changed to the octet basis and undergoes a subtraction
during checksum calculation.
(2) All-Data Checksum Calculation Function of Skipped Bytes Designation Type
The data equivalent to the number of bytes specified by SB5 to SB0 is skipped from the beginning
of a packet, and checksums are calculated on all of the subsequent valid data. (Example: 14-byte
skip)
0
Data to be calculated
SB[5:0]OE
No. 31
16
15
0
1
2
3
4
5
6
7
8
9
10
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com