Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 520 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 520 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 516Page - Renesas Technology Corp SH7672 Datasheet HTML 517Page - Renesas Technology Corp SH7672 Datasheet HTML 518Page - Renesas Technology Corp SH7672 Datasheet HTML 519Page - Renesas Technology Corp SH7672 Datasheet HTML 520Page - Renesas Technology Corp SH7672 Datasheet HTML 521Page - Renesas Technology Corp SH7672 Datasheet HTML 522Page - Renesas Technology Corp SH7672 Datasheet HTML 523Page - Renesas Technology Corp SH7672 Datasheet HTML 524Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 520 / 1292 page
background image
Section 14 DMAC That Works with Encryption/Decryption and Forward Error Correction Core (A-DMAC)
Rev. 1.00 Nov. 14, 2007 Page 494 of 1262
REJ09B0437-0100
14.1.2
Overall Configuration of the A-DMAC
The A-DMAC is configured as shown in figure 14.1. Table 14.2 gives an overview of A-DMAC
submodules.
The A-DMAC is connected to the I-BUS via the I-BUS interface, to the STIF0 via the STIF0
interface, and to the STIF1 via the STIF1 interface. The I-BUS is a shared bus in this LSI
operating on the B clock. The STIF is an I/O port for MPEG-2 TS/PS format data. The STIF0 is
fixed at CH0 and the STIF1 fixed at CH1.
The A-DMAC has two channels for checksum operation that operate on descriptors. Aside from
these channels, the A-DMAC has an FEC channel dedicated for FEC operation. This FEC channel
performs XOR operation of FEC operation.
These modules operate in parallel. For example, when the bus for channel 0 for checksum
processing is accessed, channel 1 for checksum processing can perform checksum operation.
The arbiter is a module that arbitrates the requests sent from each checksum processing channel
and each initiator of the FEC channel. The arbiter arbitrates requests from an initiator in round
robin scheduling. If you want to execute CH0 and CH1 simultaneously and raise the priority of
CH0 or CH1, the arbiter controls the priorities in descriptor ring units (example: When the
descriptor of CH0 or CH1, whichever has a lower priority, runs dry, the arbiter piles up the next
descriptor after a certain idling) or controls the priorities by suspending channel processing of
lower priority.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com