Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 519 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 519 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 515Page - Renesas Technology Corp SH7672 Datasheet HTML 516Page - Renesas Technology Corp SH7672 Datasheet HTML 517Page - Renesas Technology Corp SH7672 Datasheet HTML 518Page - Renesas Technology Corp SH7672 Datasheet HTML 519Page - Renesas Technology Corp SH7672 Datasheet HTML 520Page - Renesas Technology Corp SH7672 Datasheet HTML 521Page - Renesas Technology Corp SH7672 Datasheet HTML 522Page - Renesas Technology Corp SH7672 Datasheet HTML 523Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 519 / 1292 page
background image
Section 14 DMAC That Works with Encryption/Decryption and Forward Error Correction Core (A-DMAC)
Rev. 1.00 Nov. 14, 2007 Page 493 of 1262
REJ09B0437-0100
Section 14 DMAC That Works with Encryption/Decryption
and Forward Error Correction Core (A-DMAC)
14.1
Overview
The A-DMAC is a high-level descriptor-mode DMAC having error correction function. This
DMAC provides data transfer with memory via an internal shared bus (I-BUS) and data transfer
with an external MPEG device via STIF.
14.1.1
Features
The functions and features of this A-DMAC are as follows:
(1)
Channels for checksum processing
• Number of channels: 2
• Transfer direction: Memory← →memory, memory← →STIF
• Descriptor structure: Structure that enables checksum operation, etc., to be continuously
performed
• Error check: Checksum calculation function
(2)
FEC channels
• Number of channels: 1
• Descriptor structure: Structure that enables processing of any number of data items with a
small number of buffers
• Error correction (FEC): XOR calculation function
(3)
Other features
• Supported endian: Big endian/little endian
• Number of STIFs connected: Two channels
• Channel arbitration: Round robin scheduling that provides highly efficient use of encryption
modules and buses
• Channel operation: Parallel processing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com