Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 129 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 129 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 125Page - Renesas Technology Corp SH7672 Datasheet HTML 126Page - Renesas Technology Corp SH7672 Datasheet HTML 127Page - Renesas Technology Corp SH7672 Datasheet HTML 128Page - Renesas Technology Corp SH7672 Datasheet HTML 129Page - Renesas Technology Corp SH7672 Datasheet HTML 130Page - Renesas Technology Corp SH7672 Datasheet HTML 131Page - Renesas Technology Corp SH7672 Datasheet HTML 132Page - Renesas Technology Corp SH7672 Datasheet HTML 133Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 1292 page
background image
Section 4 Cache
Rev. 1.00 Nov. 14, 2007 Page 103 of 1262
REJ09B0437-0100
(3)
Address-Array Write (Associative Operation)
When writing with the associative bit (A bit) of the address field set to 1, the addresses in the four
ways for the entry specified by the address field are compared with the tag address that is specified
by the data field. Write the U bit (only for operand cache) and the V bit specified by the data field
to the entry of the way that has a hit. However, the tag address and LRU bits remain unchanged.
When there is no way that has a hit, nothing is written and there is no operation.
This function is used to invalidate a specific entry in the cache. When the U bit of the entry that
has had a hit is 1 in the operand cache, writing back should be performed. However, when 0 is
written to the V bit, 0 must also be written to the U bit of that entry.
4.4.2
Data Array
To access a data array, the 32-bit address field (for read/write accesses) and 32-bit data field (for
write accesses) must be specified. The address field specifies information for selecting the entry to
be accessed; the data field specifies the longword data to be written to the data array.
Specify the entry address for selecting the entry, the L bit indicating the longword position within
the (16-byte) line, and the W bit for selecting the way. In the L bit, B'00 is longword 0, B'01 is
longword 1, B'10 is longword 2, and B'11 is longword 3. In the W bit, B'00 is way 0, B'01 is way
1, B'10 is way 2, and B'11 is way 3. Since the access size of the data array is fixed at longword,
specify B'00 for bits 1 and 0 of the address.
For the address and data formats, see figure 4.4.
The following two operations are possible for the data array. Information in the address array is
not modified by this operation.
(1)
Data Array Read
The data specified by the L bit in the address is read from the entry address specified by the
address and the entry corresponding to the way.
(2)
Data Array Write
The longword data specified by the data is written to the position specified by the L bit in the
address from the entry address specified by the address and the entry corresponding to the way.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com