Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 210 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 210 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 206Page - Renesas Technology Corp SH7672 Datasheet HTML 207Page - Renesas Technology Corp SH7672 Datasheet HTML 208Page - Renesas Technology Corp SH7672 Datasheet HTML 209Page - Renesas Technology Corp SH7672 Datasheet HTML 210Page - Renesas Technology Corp SH7672 Datasheet HTML 211Page - Renesas Technology Corp SH7672 Datasheet HTML 212Page - Renesas Technology Corp SH7672 Datasheet HTML 213Page - Renesas Technology Corp SH7672 Datasheet HTML 214Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 1292 page
background image
Section 7
Bus State Controller (BSC)
Rev. 1.00 Nov. 14, 2007 Page 184 of 1262
REJ09B0437-0100
7.4.3
CSn Space Wait Control Register (CSnWCR) (n = 0, 3 to 6)
CSnWCR specifies various wait cycles for memory access. The bit configuration of this register
varies as shown below according to the memory type (TYPE2 to TYPE0) specified by the CSn
space bus control register (CSnBCR). Specify CSnWCR before accessing the target area. Specify
CSnBCR first, then specify CSnWCR.
(1)
Normal Space, SRAM with Byte Selection
• CS0WCR
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0000000000000000
R
R
R
R
R
R
R
R
R
R
R/W
R/W
R
R
R/W
R/W
0000010100000000
R
R
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R
R
R
R
R/W
R/W
Bit:
Initial value:
R/W:
Bit:
Initial value:
R/W:
-----------
BAS
----
-
-
-
SW[1:0]
WR[3:0]
WM
-
-
-
-
HW[1:0]
Bit
Bit Name
Initial
Value
R/W
Description
31 to 22
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
21
0
R/W
Reserved
These bits are always read as 0. The write value
should always be 0.
20
BAS
0
R/W
Byte Access Selection when SRAM with Byte
Selection is Used
Specifies the
WEn and RD/WR signal timing when the
SRAM interface with byte selection is used.
0: Asserts the
WEn signal at the read/write timing and
asserts the RD/
WR signal during the write access
cycle.
1: Asserts the
WEn signal during the read/write access
cycle and asserts the RD/
WR signal at the write
timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com