Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 208 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 208 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 204Page - Renesas Technology Corp SH7672 Datasheet HTML 205Page - Renesas Technology Corp SH7672 Datasheet HTML 206Page - Renesas Technology Corp SH7672 Datasheet HTML 207Page - Renesas Technology Corp SH7672 Datasheet HTML 208Page - Renesas Technology Corp SH7672 Datasheet HTML 209Page - Renesas Technology Corp SH7672 Datasheet HTML 210Page - Renesas Technology Corp SH7672 Datasheet HTML 211Page - Renesas Technology Corp SH7672 Datasheet HTML 212Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 1292 page
background image
Section 7
Bus State Controller (BSC)
Rev. 1.00 Nov. 14, 2007 Page 182 of 1262
REJ09B0437-0100
Bit
Bit Name
Initial
Value
R/W
Description
18 to 16
IWRRS[2:0]
011
R/W
Idle Cycles for Read-Read in the Same Space
Specify the number of idle cycles to be inserted after
the access to a memory that is connected to the
space. The target cycle is a read-read cycle of which
continuous access cycles are for the same space.
000: No idle cycle inserted
001: 1 idle cycle inserted
010: 2 idle cycles inserted
011: 4 idle cycles inserted
100: 6 idle cycles inserted
101: 8 idle cycles inserted
110: 10 idle cycles inserted
111: 12 idle cycles inserted
15
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.
14 to 12
TYPE[2:0]
000
R/W
Specify the type of memory connected to a space.
000: Normal space
001: Setting prohibited
010: Setting prohibited
011: SRAM with byte selection
100: SDRAM
101: PCMCIA
110: Setting prohibited
111: Setting prohibited
For details for memory type in each area, see table
7.2.
11
ENDIAN
0
R/W
Endian Setting
Specifies the arrangement of data in a space.
0: Arranged in big endian
1: Arranged in little endian



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com