Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 205 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 205 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 201Page - Renesas Technology Corp SH7672 Datasheet HTML 202Page - Renesas Technology Corp SH7672 Datasheet HTML 203Page - Renesas Technology Corp SH7672 Datasheet HTML 204Page - Renesas Technology Corp SH7672 Datasheet HTML 205Page - Renesas Technology Corp SH7672 Datasheet HTML 206Page - Renesas Technology Corp SH7672 Datasheet HTML 207Page - Renesas Technology Corp SH7672 Datasheet HTML 208Page - Renesas Technology Corp SH7672 Datasheet HTML 209Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 1292 page
background image
Section 7
Bus State Controller (BSC)
Rev. 1.00 Nov. 14, 2007 Page 179 of 1262
REJ09B0437-0100
Bit
Bit Name
Initial
Value
R/W
Description
0
HIZCNT*
0
R/W
High-Z Control
Specifies the state of CKE,
RAS, and CAS in software
standby mode.
0: High impedance in software standby mode
1: Driven in software standby mode
Note:
*
For High-Z control of CKIO, see section 9, Clock Pulse Generator (CPG).
7.4.2
CSn Space Bus Control Register (CSnBCR) (n = 0, 3 to 6)
CSnBCR is a 32-bit readable/writable register that specifies the function of each area, the number
of idle cycles between bus cycles, and the bus width.
Do not access external memory other than area 0 until CSnBCR initial setting is completed.
Idle cycles may be inserted even when they are not specified. For details, see section 7.5.8, Wait
between Access Cycles.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0011011011011011
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
00000
1*
1*
000000000
R
R/W
R/W
R/W
R/W
R/W
R/W
R
R
R
R
R
R
R
R
R
Bit:
Initial value:
R/W:
Bit:
Initial value:
R/W:
Note:
CSnBCR samples the external pin (MD) that specify the bus width at power-on reset.
*
-
IWW[2:0]
IWRWD[2:0]
IWRWS[2:0]
IWRRD[2:0]
IWRRS[2:0]
-
TYPE[2:0]
ENDIAN
BSZ[1:0]
-
-
-
-
-
-
-
-
-
Bit
Bit Name
Initial
Value
R/W
Description
31
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com