Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 201 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 201 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 197Page - Renesas Technology Corp SH7672 Datasheet HTML 198Page - Renesas Technology Corp SH7672 Datasheet HTML 199Page - Renesas Technology Corp SH7672 Datasheet HTML 200Page - Renesas Technology Corp SH7672 Datasheet HTML 201Page - Renesas Technology Corp SH7672 Datasheet HTML 202Page - Renesas Technology Corp SH7672 Datasheet HTML 203Page - Renesas Technology Corp SH7672 Datasheet HTML 204Page - Renesas Technology Corp SH7672 Datasheet HTML 205Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 1292 page
background image
Section 7
Bus State Controller (BSC)
Rev. 1.00 Nov. 14, 2007 Page 175 of 1262
REJ09B0437-0100
Internal Address
Space
Memory to be Connected
Cache
H'80000000 to H'FFFBFFFF Other
On-chip RAM, reserved area*
H'FFFC0000 to H'FFFFFFFF Other
On-chip peripheral modules, reserved area*
Note:
*
For the on-chip RAM space, access the addresses shown in section 27, On-Chip RAM.
For the on-chip peripheral module space, access the addresses shown in section 28,
List of Registers. Do not access addresses which are not described in these sections.
Otherwise, the correct operation cannot be guaranteed.
7.3.2
Data Bus Width and Pin Function Setting in Each Area
In this LSI, the data bus width of area 0 and the initial data bus width of areas 3 to 6 can be set to
8, or 16 bits through external pins during a power-on reset. The bus width of area 0 cannot be
modified after a power-on reset. The initial data bus width of areas 3 to 6 is set to the same size as
that of area 0, but can be modified to 8, 16, or 32 bits through register settings during program
execution. Note that the selectable data bus widths may be limited depending on the connected
memory type.
After a power-on reset, the LSI starts execution of the program stored in the external memory
allocated in area 0. Since ROM is assumed as the external memory in area 0, minimum pin
functions such as the address bus, data bus,
CS0, and RD are available. The sample access
waveforms shown in this section include other pins such as
BS, RD/WR, and WEn, which are
available after they are selected through the pin function controller. Do not attempt any form of
memory access other than reading of area 0 until the pin function settings have been completed by
the program.
For details on pin function settings, see section 23, Pin Function Controller (PFC).
Table 7.3
Correspondence between External Pin (MD) and Data Bus Width
MD_BW
Data Bus Width
1
8 bits
0
16 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com