Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 198 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 198 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 194Page - Renesas Technology Corp SH7672 Datasheet HTML 195Page - Renesas Technology Corp SH7672 Datasheet HTML 196Page - Renesas Technology Corp SH7672 Datasheet HTML 197Page - Renesas Technology Corp SH7672 Datasheet HTML 198Page - Renesas Technology Corp SH7672 Datasheet HTML 199Page - Renesas Technology Corp SH7672 Datasheet HTML 200Page - Renesas Technology Corp SH7672 Datasheet HTML 201Page - Renesas Technology Corp SH7672 Datasheet HTML 202Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 1292 page
background image
Section 7
Bus State Controller (BSC)
Rev. 1.00 Nov. 14, 2007 Page 172 of 1262
REJ09B0437-0100
7.2
Input/Output Pins
Table 7.1 shows the pin configuration of the BSC.
Table 7.1
Pin Configuration
Name
I/O
Function
A25 to A0
Output Address bus
D31 to D0
I/O
Data bus
BS
Output Bus cycle start
CS0, CS3, CS4
Output Chip select
CS5/CE1A,
CS6/CE1B
Output Chip select
Function as PCMCIA card select signals for D7 to D0 when PCMCIA
is used.
CE2A, CE2B
Output Function as PCMCIA card select signals for D15 to D8.
RD/
WR
Output Read/write
Connects to
WE pins when SDRAM or SRAM with byte selection is
connected.
RD
Output Read pulse signal (read data output enable signal)
Functions as a strobe signal for indicating memory read cycles when
PCMCIA is used.
WE3/DQMUU/
ICIOWR
Output Indicates that D31 to D24 are being written to.
Connected to the byte select signal when a SRAM with byte
selection is connected.
Functions as the select signals for D31 to D24 when SDRAM is
connected.
Functions as a strobe signal for indicating I/O write cycles when
PCMCIA is used.
WE2/DQMUL/
ICIORD
Output Indicates that D23 to D16 are being written to.
Connected to the byte select signal when a SRAM with byte
selection is connected.
Functions as the select signals for D23 to D16 when SDRAM is
connected.
Functions as a strobe signal for indicating I/O read cycles when
PCMCIA is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com