Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 202 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 202 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 198Page - Renesas Technology Corp SH7672 Datasheet HTML 199Page - Renesas Technology Corp SH7672 Datasheet HTML 200Page - Renesas Technology Corp SH7672 Datasheet HTML 201Page - Renesas Technology Corp SH7672 Datasheet HTML 202Page - Renesas Technology Corp SH7672 Datasheet HTML 203Page - Renesas Technology Corp SH7672 Datasheet HTML 204Page - Renesas Technology Corp SH7672 Datasheet HTML 205Page - Renesas Technology Corp SH7672 Datasheet HTML 206Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 1292 page
background image
Section 7
Bus State Controller (BSC)
Rev. 1.00 Nov. 14, 2007 Page 176 of 1262
REJ09B0437-0100
7.4
Register Descriptions
The BSC has the following registers.
Do not access spaces other than area 0 until settings of the connected memory interface are
completed.
Table 7.4
Register Configuration
Register Name
Abbreviation
R/W
Initial Value
Address
Access Size
Common control register
CMNCR
R/W
H'00001010
H'FFFC0000
32
CS0 space bus control register
CS0BCR
R/W
H'36DB0200*
3
H'FFFC0004
32
CS3 space bus control register
CS3BCR
R/W
H'36DB0200*
3
H'FFFC0010
32
CS4 space bus control register
CS4BCR
R/W
H'36DB0200*
3
H'FFFC0014
32
CS5 space bus control register
CS5BCR
R/W
H'36DB0200*
3
H'FFFC0018
32
CS6 space bus control register
CS6BCR
R/W
H'36DB0200*
3
H'FFFC001C
32
CS0 space wait control register
CS0WCR
R/W
H'00000500
H'FFFC0028
32
CS3 space wait control register
CS3WCR
R/W
H'00000500
H'FFFC0034
32
CS4 space wait control register
CS4WCR
R/W
H'00000500
H'FFFC0038
32
CS5 space wait control register
CS5WCR
R/W
H'00000500
H'FFFC003C
32
CS6 space wait control register
CS6WCR
R/W
H'00000500
H'FFFC0040
32
SDRAM control register
SDCR
R/W
H'00000000
H'FFFC004C
32
Refresh timer control/status register RTCSR
R/W
H'00000000
H'FFFC0050
32
Refresh timer counter
RTCNT
R/W
H'00000000
H'FFFC0054
32
Refresh time constant register
RTCOR
R/W
H'00000000
H'FFFC0058
32
AC characteristics switching
register
ACSWR
R/W*
1
H'00000000
H'FFFC180C
32
Internal bus master bus priority
register
IBMPR
R/W
H'12300000
H'FFFC1818
32
AC characteristics switching key
register
ACKYER
W*
2
H'FFFC1BFC
8
Notes: 1. To write to this register, a special sequence using key registers for switching the AC
characteristics is required.
2. Write-only register. The write value is arbitrary.
3. This is an initial value when this LSI is started by the external pin (MD_BW) with the bus
width set to 8 bits. The initial value will be H'36DB0400 when the bus width is set to 16
bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com