Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 199 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 199 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 195Page - Renesas Technology Corp SH7672 Datasheet HTML 196Page - Renesas Technology Corp SH7672 Datasheet HTML 197Page - Renesas Technology Corp SH7672 Datasheet HTML 198Page - Renesas Technology Corp SH7672 Datasheet HTML 199Page - Renesas Technology Corp SH7672 Datasheet HTML 200Page - Renesas Technology Corp SH7672 Datasheet HTML 201Page - Renesas Technology Corp SH7672 Datasheet HTML 202Page - Renesas Technology Corp SH7672 Datasheet HTML 203Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 1292 page
background image
Section 7
Bus State Controller (BSC)
Rev. 1.00 Nov. 14, 2007 Page 173 of 1262
REJ09B0437-0100
Name
I/O
Function
WE1/DQMLU/WE
Output Indicates that D15 to D8 are being written to.
Connected to the byte select signal when a SRAM with byte
selection is connected.
Functions as the select signals for D15 to D8 when SDRAM is
connected.
Functions as a strobe signal for indicating memory write cycles when
PCMCIA is used.
WE0/DQMLL
Output Indicates that D7 to D0 are being written to.
Connected to the byte select signal when a SRAM with byte
selection is connected.
Functions as the select signals for D7 to D0 when SDRAM is
connected.
RAS
Output Connects to
RAS pin when SDRAM is connected.
CAS
Output Connects to
CAS pin when SDRAM is connected.
CKE
Output Connects to CKE pin when SDRAM is connected.
WAIT
Input
External wait input
IOIS16
Input
Indicates 16-bit I/O of PCMIA.
Enabled only in little endian mode. The pin should be driven low in
big endian mode.
MD_BW
Input
Selects bus width of area 0 and initial bus width of areas 3 to 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com