Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 195 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 195 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 191Page - Renesas Technology Corp SH7672 Datasheet HTML 192Page - Renesas Technology Corp SH7672 Datasheet HTML 193Page - Renesas Technology Corp SH7672 Datasheet HTML 194Page - Renesas Technology Corp SH7672 Datasheet HTML 195Page - Renesas Technology Corp SH7672 Datasheet HTML 196Page - Renesas Technology Corp SH7672 Datasheet HTML 197Page - Renesas Technology Corp SH7672 Datasheet HTML 198Page - Renesas Technology Corp SH7672 Datasheet HTML 199Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 1292 page
background image
Section 7
Bus State Controller (BSC)
Rev. 1.00 Nov. 14, 2007 Page 169 of 1262
REJ09B0437-0100
Section 7
Bus State Controller (BSC)
The bus state controller (BSC) outputs control signals for various types of memory and external
devices that are connected to the external address space. BSC functions enable this LSI to connect
directly with SRAM, SDRAM, and other memory storage devices, and external devices.
7.1
Features
1. External address space
 A maximum of 64 Mbytes for each of areas CS0 and CS3 to CS6.
 Can specify the normal space interface, SRAM interface with byte selection, SDRAM, and
PCMCIA interface for each address space.
 Can select the data bus width (8, 16, or 32 bits) for each address space.
 Controls insertion of wait cycles for each address space.
 Controls insertion of wait cycles for each read access and write access.
 Can set independent idle cycles during the continuous access for five cases: read-write (in
same space/different spaces), read-read (in same space/different spaces), the first cycle is a
write access.
2. Normal space interface
 Supports the interface that can directly connect to the SRAM.
3. SDRAM interface
 Can set the SDRAM in up to two areas.
 Multiplex output for row address/column address.
 Efficient access by single read/single write.
 High-speed access in bank-active mode.
 Supports an auto-refresh and self-refresh.
 Supports power-down modes.
 Issues MRS and EMRS commands.
4. PCMCIA direct interface
 Supports the IC memory card and I/O card interface defined in JEIDA specifications Ver.
4.2 (PCMCIA2.1 Rev. 2.1).
 Wait-cycle insertion controllable by program.
5. SRAM interface with byte selection
 Can connect directly to a SRAM with byte selection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com