Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 193 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 193 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 189Page - Renesas Technology Corp SH7672 Datasheet HTML 190Page - Renesas Technology Corp SH7672 Datasheet HTML 191Page - Renesas Technology Corp SH7672 Datasheet HTML 192Page - Renesas Technology Corp SH7672 Datasheet HTML 193Page - Renesas Technology Corp SH7672 Datasheet HTML 194Page - Renesas Technology Corp SH7672 Datasheet HTML 195Page - Renesas Technology Corp SH7672 Datasheet HTML 196Page - Renesas Technology Corp SH7672 Datasheet HTML 197Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 1292 page
background image
Section 6 Interrupt Controller (INTC)
Rev. 1.00 Nov. 14, 2007 Page 167 of 1262
REJ09B0437-0100
6.9.1
Handling Interrupt Request Signals as Sources for CPU Interrupt but Not DMAC
Activating
1
Do not select DMAC activating sources or clear the DME bit to 0. If, DMAC activating
sources are selected, clear the DE bit to 0 for the relevant channel of the DMAC.
2. When interrupts occur, interrupt requests are sent to the CPU.
3. The CPU clears the interrupt source and performs the necessary processing in the interrupt
exception service routine.
6.9.2
Handling Interrupt Request Signals as Sources for Activating DMAC but Not CPU
Interrupt
1. Select DMAC activating sources and set both the DE and DME bits to 1. This masks CPU
interrupt sources regardless of the interrupt priority register settings.
2. Activating sources are applied to the DMAC when interrupts occur.
3. The DMAC clears the interrupt sources when starting transfer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com