Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 200 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 200 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 196Page - Renesas Technology Corp SH7672 Datasheet HTML 197Page - Renesas Technology Corp SH7672 Datasheet HTML 198Page - Renesas Technology Corp SH7672 Datasheet HTML 199Page - Renesas Technology Corp SH7672 Datasheet HTML 200Page - Renesas Technology Corp SH7672 Datasheet HTML 201Page - Renesas Technology Corp SH7672 Datasheet HTML 202Page - Renesas Technology Corp SH7672 Datasheet HTML 203Page - Renesas Technology Corp SH7672 Datasheet HTML 204Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 1292 page
background image
Section 7
Bus State Controller (BSC)
Rev. 1.00 Nov. 14, 2007 Page 174 of 1262
REJ09B0437-0100
7.3
Area Overview
7.3.1
Address Map
In the architecture, this LSI has a 32-bit address space, which is divided into cache-enabled,
cache-disabled, and on-chip spaces (on-chip RAM, on-chip peripheral modules, and reserved
areas) according to the upper bits of the address.
External address spaces CS0, CS3 to CS6 are cache-enabled when internal address A29 = 0 or
cache-disabled when A29 = 1.
The kind of memory to be connected and the data bus width are specified in each partial space.
The address map for the external address space is listed below.
Table 7.2
Address Map
Internal Address
Space
Memory to be Connected
Cache
H'00000000 to H'03FFFFFF
CS0
Normal space, SRAM with byte selection
H'04000000 to H'07FFFFFF
Other
Reserved area
H'08000000 to H'0BFFFFFF
Other
Reserved area
H'0C000000 to H'0FFFFFFF CS3
Normal space, SRAM with byte selection, SDRAM
H'10000000 to H'13FFFFFF
CS4
Normal space, SRAM with byte selection
H'14000000 to H'17FFFFFF
CS5
Normal space, SRAM with byte selection, PCMCIA
H'18000000 to H'1BFFFFFF
CS6
Normal space, SRAM with byte selection, PCMCIA
H'1C000000 to H'1FFFFFFF Other
Reserved area
Cache-enabled
H'20000000 to H'23FFFFFF
CS0
Normal space, SRAM with byte selection,
burst ROM (asynchronous or synchronous)
H'24000000 to H'27FFFFFF
Other
Reserved area
H'28000000 to H'2BFFFFFF
Other
Reserved area
H'2C000000 to H'2FFFFFFF CS3
Normal space, SRAM with byte selection, SDRAM
H'30000000 to H'33FFFFFF
CS4
Normal space, SRAM with byte selection
H'34000000 to H'37FFFFFF
CS5
Normal space, SRAM with byte selection, PCMCIA
H'38000000 to H'3BFFFFFF
CS6
Normal space, SRAM with byte selection, PCMCIA
H'3C000000 to H'3FFFFFFF Other
Reserved area
Cache-disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com