Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 225 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 225 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 221Page - Renesas Technology Corp SH7672 Datasheet HTML 222Page - Renesas Technology Corp SH7672 Datasheet HTML 223Page - Renesas Technology Corp SH7672 Datasheet HTML 224Page - Renesas Technology Corp SH7672 Datasheet HTML 225Page - Renesas Technology Corp SH7672 Datasheet HTML 226Page - Renesas Technology Corp SH7672 Datasheet HTML 227Page - Renesas Technology Corp SH7672 Datasheet HTML 228Page - Renesas Technology Corp SH7672 Datasheet HTML 229Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 1292 page
background image
Section 7
Bus State Controller (BSC)
Rev. 1.00 Nov. 14, 2007 Page 199 of 1262
REJ09B0437-0100
Bit
Bit Name
Initial
Value
R/W
Description
4, 3
TRWL[1:0]
00
R/W
Number of Auto-Precharge Startup Wait Cycles
Specify the number of minimum auto-precharge
startup wait cycles as shown below.
• Cycle number from the issuance of the WRITA
command by this LSI until the completion of auto-
precharge in the SDRAM.
Equivalent to the cycle number from the issuance
of the WRITA command until the issuance of the
ACTV command. Confirm that how many cycles
are required between the WRITE command receive
in the SDRAM and the auto-precharge activation,
referring to each SDRAM data sheet. And set the
cycle number so as not to exceed the cycle number
specified by this bit.
• Cycle number from the issuance of the WRITA
command until the issuance of the PRE command.
This is the case when accessing another low
address in the same bank in bank active mode.
00: No cycle
01: 1 cycle
10: 2 cycles
11: 3 cycles
2
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com