Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 222 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 222 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 218Page - Renesas Technology Corp SH7672 Datasheet HTML 219Page - Renesas Technology Corp SH7672 Datasheet HTML 220Page - Renesas Technology Corp SH7672 Datasheet HTML 221Page - Renesas Technology Corp SH7672 Datasheet HTML 222Page - Renesas Technology Corp SH7672 Datasheet HTML 223Page - Renesas Technology Corp SH7672 Datasheet HTML 224Page - Renesas Technology Corp SH7672 Datasheet HTML 225Page - Renesas Technology Corp SH7672 Datasheet HTML 226Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 1292 page
background image
Section 7
Bus State Controller (BSC)
Rev. 1.00 Nov. 14, 2007 Page 196 of 1262
REJ09B0437-0100
Bit
Bit Name
Initial
Value
R/W
Description
6
WN
0
R/W
External Wait Mask Specification
Specifies whether or not the external wait input is valid.
The specification of this bit is valid even when the
number of access wait cycles is 0.
0: The external wait input is valid
1: The external wait input is ignored
5 to 2
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
1, 0
HW[1:0]
00
R/W
Number of Delay Cycles from
RD, WEn Negation to
Address,
CS6 Negation
Specify the number of delay cycles from
RD, WEn
negation to address, and
CS6 negation.
00: 0.5 cycles
01: 1.5 cycles
10: 2.5 cycles
11: 3.5 cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com