Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 229 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 229 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 225Page - Renesas Technology Corp SH7672 Datasheet HTML 226Page - Renesas Technology Corp SH7672 Datasheet HTML 227Page - Renesas Technology Corp SH7672 Datasheet HTML 228Page - Renesas Technology Corp SH7672 Datasheet HTML 229Page - Renesas Technology Corp SH7672 Datasheet HTML 230Page - Renesas Technology Corp SH7672 Datasheet HTML 231Page - Renesas Technology Corp SH7672 Datasheet HTML 232Page - Renesas Technology Corp SH7672 Datasheet HTML 233Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 1292 page
background image
Section 7
Bus State Controller (BSC)
Rev. 1.00 Nov. 14, 2007 Page 203 of 1262
REJ09B0437-0100
Bit
Bit Name
Initial
Value
R/W
Description
10 to 7
PCW[3:0]
1010
R/W
Number of Access Wait Cycles
Specify the number of wait cycles to be inserted.
0000: 3 cycles
0001: 6 cycles
0010: 9 cycles
0011: 12 cycles
0100: 15 cycles
0101: 18 cycles
0110: 22 cycles
0111: 26 cycles
1000: 30 cycles
1001: 33 cycles
1010: 36 cycles
1011: 38 cycles
1100: 52 cycles
1101: 60 cycles
1110: 64 cycles
1111: 80 cycles
6
WM
0
R/W
External Wait Mask Specification
Specifies whether or not the external wait input is valid.
The specification by this bit is valid even when the
number of access wait cycles is 0.
0: External wait input is valid
1: External wait input is ignored
5, 4
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com