Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 232 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 232 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 228Page - Renesas Technology Corp SH7672 Datasheet HTML 229Page - Renesas Technology Corp SH7672 Datasheet HTML 230Page - Renesas Technology Corp SH7672 Datasheet HTML 231Page - Renesas Technology Corp SH7672 Datasheet HTML 232Page - Renesas Technology Corp SH7672 Datasheet HTML 233Page - Renesas Technology Corp SH7672 Datasheet HTML 234Page - Renesas Technology Corp SH7672 Datasheet HTML 235Page - Renesas Technology Corp SH7672 Datasheet HTML 236Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 1292 page
background image
Section 7
Bus State Controller (BSC)
Rev. 1.00 Nov. 14, 2007 Page 206 of 1262
REJ09B0437-0100
Bit
Bit Name
Initial
Value
R/W
Description
10
RMODE
0
R/W
Refresh Control
Specifies whether to perform auto-refresh or self-
refresh when the RFSH bit is 1. When the RFSH bit is
1 and this bit is 1, self-refresh starts immediately.
When the RFSH bit is 1 and this bit is 0, auto-refresh
starts according to the contents that are set in
registers RTCSR, RTCNT, and RTCOR.
0: Auto-refresh is performed
1: Self-refresh is performed
9
PDOWN
0
R/W
Power-Down Mode
Specifies whether the SDRAM will enter the power-
down mode after the access to the SDRAM. With this
bit being set to 1, after the SDRAM is accessed, the
CKE signal is driven low and the SDRAM enters the
power-down mode.
0: The SDRAM does not enter the power-down mode
after being accessed.
1: The SDRAM enters the power-down mode after
being accessed.
8
BACTV
0
R/W
Bank Active Mode
Specifies to access whether in auto-precharge mode
(using READA and WRITA commands) or in bank
active mode (using READ and WRIT commands).
0: Auto-precharge mode (using READA and WRITA
commands)
1: Bank active mode (using READ and WRIT
commands)
7 to 5
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com