Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 235 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 235 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 231Page - Renesas Technology Corp SH7672 Datasheet HTML 232Page - Renesas Technology Corp SH7672 Datasheet HTML 233Page - Renesas Technology Corp SH7672 Datasheet HTML 234Page - Renesas Technology Corp SH7672 Datasheet HTML 235Page - Renesas Technology Corp SH7672 Datasheet HTML 236Page - Renesas Technology Corp SH7672 Datasheet HTML 237Page - Renesas Technology Corp SH7672 Datasheet HTML 238Page - Renesas Technology Corp SH7672 Datasheet HTML 239Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 1292 page
background image
Section 7
Bus State Controller (BSC)
Rev. 1.00 Nov. 14, 2007 Page 209 of 1262
REJ09B0437-0100
Bit
Bit Name
Initial
Value
R/W
Description
6
CMIE
0
R/W
Compare Match Interrupt Enable
Enables or disables CMF interrupt requests when the
CMF bit in RTCSR is set to 1.
0: Disables CMF interrupt requests.
1: Enables CMF interrupt requests.
5 to 3
CKS[2:0]
000
R/W
Clock Select
Select the clock input to count-up the refresh timer
counter (RTCNT).
000: Stop the counting-up
001: B
φ/4
010: B
φ/16
011: B
φ/64
100: B
φ/256
101: B
φ/1024
110: B
φ/2048
111: B
φ/4096
2 to 0
RRC[2:0]
000
R/W
Refresh Count
Specify the number of continuous refresh cycles, when
the refresh request occurs after the coincidence of the
values of the refresh timer counter (RTCNT) and the
refresh time constant register (RTCOR). These bits
can make the period of occurrence of refresh long.
000: 1 time
001: 2 times
010: 4 times
011: 6 times
100: 8 times
101: Reserved (setting prohibited)
110: Reserved (setting prohibited)
111: Reserved (setting prohibited)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com