Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 238 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 238 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 234Page - Renesas Technology Corp SH7672 Datasheet HTML 235Page - Renesas Technology Corp SH7672 Datasheet HTML 236Page - Renesas Technology Corp SH7672 Datasheet HTML 237Page - Renesas Technology Corp SH7672 Datasheet HTML 238Page - Renesas Technology Corp SH7672 Datasheet HTML 239Page - Renesas Technology Corp SH7672 Datasheet HTML 240Page - Renesas Technology Corp SH7672 Datasheet HTML 241Page - Renesas Technology Corp SH7672 Datasheet HTML 242Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 238 / 1292 page
background image
Section 7
Bus State Controller (BSC)
Rev. 1.00 Nov. 14, 2007 Page 212 of 1262
REJ09B0437-0100
7.4.8
AC Characteristics Switching Register (ACSWR)
To use the SDRAM in clock mode 0 or 1, set the AC characteristics switching register (ACSWR)
and AC characteristics key switching register (ACKEYR). In clock mode 2 or 3, set nothing to
keep the initial value.
Only a special sequence can write to this register to prevent accidental erroneous write. The
setting procedure is shown in section 7.4.10, Sequence to Write to ACSWR. Read is done by the
normal longword.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0000000000000000
RRRRRRRRRRRRRRRR
0000000000000000
R
R
R
R
R
R
R
R
R
R
R
R
R/W
R/W
R/W
R/W
----------------
-
-
-
-
-
-
-
-
-
-
-
-
ACOSW[3:0]
Bit:
Initial value:
R/W:
Bit:
Initial value:
R/W:
Bit
Bit Name
Initial
Value
R/W
Description
31 to 4
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
3 to 0
ACOSW[3:0] 0000
R/W
AC Characteristics Switch
Specifies AC characteristics switching
0000: Not extend the delay time
1001: Switches characteristics and extends the delay
time
Others: Setting prohibited



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com