Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 241 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 241 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 237Page - Renesas Technology Corp SH7672 Datasheet HTML 238Page - Renesas Technology Corp SH7672 Datasheet HTML 239Page - Renesas Technology Corp SH7672 Datasheet HTML 240Page - Renesas Technology Corp SH7672 Datasheet HTML 241Page - Renesas Technology Corp SH7672 Datasheet HTML 242Page - Renesas Technology Corp SH7672 Datasheet HTML 243Page - Renesas Technology Corp SH7672 Datasheet HTML 244Page - Renesas Technology Corp SH7672 Datasheet HTML 245Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 1292 page
background image
Section 7
Bus State Controller (BSC)
Rev. 1.00 Nov. 14, 2007 Page 215 of 1262
REJ09B0437-0100
7.4.11
Internal Bus Master Bus Priority Register (IBMPR)
IBMPR is a 32-bit register that sets the bus priority for the internal bus masters excluding the
CPU.
If internal bus masters excluding the same CPU are set at different priority levels, the highest one
will be effective. After an attempt to set internal bus masters in an overlapping manner, if some of
them failed to be set, then these failing bus masters will not be able to acquire bus mastership.
Rewriting this register while any of the A-DMAC (including F-DMAC), E-DMAC, and DMAC is
operating is prohibited. When rewriting this register, make sure that none of the A-DMAC
(including F-DMAC), E-DMAC, and DMAC is not started.
For details, see section 7.5.9 (2), Access from the Side of the LSI Internal Bus Master.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Bit:
Initial Value
R/W:
Bit:
Initial Value
R/W:
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0001001000110000
R
R
R/W
R/W
R
R
R/W
R/W
R
R
R/W
R/W
R
R
R
R
00000000
RRRRRRRR
00000000
RRRRRRRR

0P1R[1:0]

0P2R[1:0]

0P3R[1:0]



Bit
Bit Name
Initial
Value
R/W
Description
31, 30
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
29, 28
0P1R[1:0]
01
R/W
Of the internal bus masters excluding the CPU (that is,
A-DMAC (including F-DMAC), E-DMAC, and DMAC),
set the internal bus master having the highest priority
level.
00: No setting
01: A-DMAC (including F-DMAC)
10: E-DMAC
11: DMAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com