Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 234 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 234 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 230Page - Renesas Technology Corp SH7672 Datasheet HTML 231Page - Renesas Technology Corp SH7672 Datasheet HTML 232Page - Renesas Technology Corp SH7672 Datasheet HTML 233Page - Renesas Technology Corp SH7672 Datasheet HTML 234Page - Renesas Technology Corp SH7672 Datasheet HTML 235Page - Renesas Technology Corp SH7672 Datasheet HTML 236Page - Renesas Technology Corp SH7672 Datasheet HTML 237Page - Renesas Technology Corp SH7672 Datasheet HTML 238Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 1292 page
background image
Section 7
Bus State Controller (BSC)
Rev. 1.00 Nov. 14, 2007 Page 208 of 1262
REJ09B0437-0100
7.4.5
Refresh Timer Control/Status Register (RTCSR)
RTCSR specifies various items about refresh for SDRAM.
When RTCSR is written, the upper 16 bits of the write data must be H'A55A to cancel write
protection.
The phase of the clock for incrementing the count in the refresh timer counter (RTCNT) is
adjusted only by a power-on reset. Note that there is an error in the time until the compare match
flag is set for the first time after the timer is started with the CKS[2:0] bits being set to a value
other than B'000.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0000000000000000
RRRRRRRRRRRRRRRR
0000000000000000
R
R
R
R
R
R
R
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
Initial value:
R/W:
Bit:
Initial value:
R/W:
----------------
-
-
-
-
-
-
-
-
CMF
CMIE
CKS[2:0]
RRC[2:0]
Bit
Bit Name
Initial
Value
R/W
Description
31 to 8
All 0
R
Reserved
These bits are always read as 0.
7
CMF
0
R/W
Compare Match Flag
Indicates that a compare match occurs between the
refresh timer counter (RTCNT) and refresh time
constant register (RTCOR). This bit is set or cleared in
the following conditions.
0: Clearing condition: When 0 is written in CMF after
reading out RTCSR during CMF = 1.
1: Setting condition: When the condition RTCNT =
RTCOR is satisfied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com