Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 231 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 231 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 227Page - Renesas Technology Corp SH7672 Datasheet HTML 228Page - Renesas Technology Corp SH7672 Datasheet HTML 229Page - Renesas Technology Corp SH7672 Datasheet HTML 230Page - Renesas Technology Corp SH7672 Datasheet HTML 231Page - Renesas Technology Corp SH7672 Datasheet HTML 232Page - Renesas Technology Corp SH7672 Datasheet HTML 233Page - Renesas Technology Corp SH7672 Datasheet HTML 234Page - Renesas Technology Corp SH7672 Datasheet HTML 235Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 1292 page
background image
Section 7
Bus State Controller (BSC)
Rev. 1.00 Nov. 14, 2007 Page 205 of 1262
REJ09B0437-0100
7.4.4
SDRAM Control Register (SDCR)
SDCR specifies the method to refresh and access SDRAM, and the types of SDRAMs to be
connected.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Bit:
Initial Value:
R/W:
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Bit:
Initial Value:
R/W:
0000000000000000
RRRRRRRRRRRRRRRR
0000000000000000
R
R
R/W
R
R/W
R/W
R/W
R/W
R
R
R
R/W
R/W
R
R/W
R/W


A3ROW[1:0]
A3COL[1:0]


DEEP
RFSH RMODEPDOWN BACTV

Bit
Bit Name
Initial
Value
R/W
Description
31 to 14
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
13
DEEP
0
R/W
Deep Power-Down Mode
This bit is valid for low-power SDRAM. If the RFSH or
RMODE bit is set to 1 while this bit is set to 1, the deep
power-down entry command is issued and the low-
power SDRAM enters the deep power-down mode.
0: Self-refresh mode
1: Deep power-down mode
12
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.
11
RFSH
0
R/W
Refresh Control
Specifies whether or not the refresh operation of the
SDRAM is performed.
0: No refresh
1: Refresh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com