Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 267 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 267 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 263Page - Renesas Technology Corp SH7672 Datasheet HTML 264Page - Renesas Technology Corp SH7672 Datasheet HTML 265Page - Renesas Technology Corp SH7672 Datasheet HTML 266Page - Renesas Technology Corp SH7672 Datasheet HTML 267Page - Renesas Technology Corp SH7672 Datasheet HTML 268Page - Renesas Technology Corp SH7672 Datasheet HTML 269Page - Renesas Technology Corp SH7672 Datasheet HTML 270Page - Renesas Technology Corp SH7672 Datasheet HTML 271Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 267 / 1292 page
background image
Section 7
Bus State Controller (BSC)
Rev. 1.00 Nov. 14, 2007 Page 241 of 1262
REJ09B0437-0100
Table 7.14
Relationship between BSZ[1:0], A3ROW[1:0], A3COL[1:0], and Address
Multiplex Output (4)-1
Setting
BSZ[1:0]
A3ROW[1:0]
A3COL[1:0]
10 (16 bits)
00 (11 bits)
00 (8 bits)
Output Pin of
This LSI
Row Address
Output
Column Address
Output
SDRAM Pin
Function
A17
A25
A17
A16
A24
A16
A15
A23
A15
A14
A22
A14
Unused
A13
A21*
2
A21*
2
A12 (BA1)
A12
A20*
2
A20*
2
A11 (BA0)
Specifies bank
A11
A19
L/H*
1
A10/AP
Specifies
address/precharge
A10
A18
A10
A9
A9
A17
A9
A8
A8
A16
A8
A7
A7
A15
A7
A6
A6
A14
A6
A5
A5
A13
A5
A4
A4
A12
A4
A3
A3
A11
A3
A2
A2
A10
A2
A1
A1
A9
A1
A0
Address
A0
A8
A0
Unused
Example of connected memory
16-Mbit product (512 Kwords
× 16 bits × 2 banks, column 8 bits product): 1
Notes: 1. L/H is a bit used in the command specification; it is fixed at low or high according to the
access mode.
2. Bank address specification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com