Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 288 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 288 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 284Page - Renesas Technology Corp SH7672 Datasheet HTML 285Page - Renesas Technology Corp SH7672 Datasheet HTML 286Page - Renesas Technology Corp SH7672 Datasheet HTML 287Page - Renesas Technology Corp SH7672 Datasheet HTML 288Page - Renesas Technology Corp SH7672 Datasheet HTML 289Page - Renesas Technology Corp SH7672 Datasheet HTML 290Page - Renesas Technology Corp SH7672 Datasheet HTML 291Page - Renesas Technology Corp SH7672 Datasheet HTML 292Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 288 / 1292 page
background image
Section 7
Bus State Controller (BSC)
Rev. 1.00 Nov. 14, 2007 Page 262 of 1262
REJ09B0437-0100
(8)
Refreshing
This LSI has a function for controlling SDRAM refreshing. Auto-refreshing can be performed by
clearing the RMODE bit to 0 and setting the RFSH bit to 1 in SDCR. A continuous refreshing can
be performed by setting the RRC2 to RRC0 bits in RTCSR. If SDRAM is not accessed for a long
period, self-refresh mode, in which the power consumption for data retention is low, can be
activated by setting both the RMODE bit and the RFSH bit to 1.
(a)
Auto-refreshing
Refreshing is performed at intervals determined by the input clock selected by bits CKS2 to CKS0
in RTCSR, and the value set by in RTCOR. The value of bits CKS2 to CKS0 in RTCOR should
be set so as to satisfy the refresh interval stipulation for the SDRAM used. First make the settings
for RTCOR, RTCNT, and the RMODE and RFSH bits in SDCR, then make the CKS2 to CKS0
and RRC2 to RRC0 settings. When the clock is selected by bits CKS2 to CKS0, RTCNT starts
counting up from the value at that time. The RTCNT value is constantly compared with the
RTCOR value, and if the two values are the same, a refresh request is generated and an auto-
refresh is performed for the number of times specified by the RRC2 to RRC0. At the same time,
RTCNT is cleared to zero and the count-up is restarted.
Figure 7.25 shows the auto-refresh cycle timing. After starting, the auto refreshing, PALL
command is issued in the Tp cycle to make all the banks to pre-charged state from active state
when some bank is being pre-charged. Then REF command is issued in the Trr cycle after
inserting idle cycles of which number is specified by the WTRP1 and WTRP0 bits in CS3WCR. A
new command is not issued for the duration of the number of cycles specified by the WTRC1 and
WTRC0 bits in CS3WCR after the Trr cycle. The WTRC1 and WTRC0 bits must be set so as to
satisfy the SDRAM refreshing cycle time stipulation (tRC). An idle cycle is inserted between the
Tp cycle and Trr cycle when the setting value of the WTRP1 and WTRP0 bits in CS3WCR is
longer than or equal to 1 cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com