Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 290 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 290 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 286Page - Renesas Technology Corp SH7672 Datasheet HTML 287Page - Renesas Technology Corp SH7672 Datasheet HTML 288Page - Renesas Technology Corp SH7672 Datasheet HTML 289Page - Renesas Technology Corp SH7672 Datasheet HTML 290Page - Renesas Technology Corp SH7672 Datasheet HTML 291Page - Renesas Technology Corp SH7672 Datasheet HTML 292Page - Renesas Technology Corp SH7672 Datasheet HTML 293Page - Renesas Technology Corp SH7672 Datasheet HTML 294Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 290 / 1292 page
background image
Section 7
Bus State Controller (BSC)
Rev. 1.00 Nov. 14, 2007 Page 264 of 1262
REJ09B0437-0100
(b)
Self-refreshing
Self-refresh mode in which the refresh timing and refresh addresses are generated within the
SDRAM. Self-refreshing is activated by setting both the RMODE bit and the RFSH bit in SDCR
to 1. After starting the self-refreshing, PALL command is issued in Tp cycle after the completion
of the pre-charging bank. A SELF command is then issued after inserting idle cycles of which
number is specified by the WTRP1 and WTRP0 bits in CS3WSR. SDRAM cannot be accessed
while in the self-refresh state. Self-refresh mode is cleared by clearing the RMODE bit to 0. After
self-refresh mode has been cleared, command issuance is disabled for the number of cycles
specified by the WTRC1 and WTRC0 bits in CS3WCR.
Self-refresh timing is shown in figure 7.26. Settings must be made so that self-refresh clearing and
data retention are performed correctly, and auto-refreshing is performed at the correct intervals.
When self-refreshing is activated from the state in which auto-refreshing is set, or when exiting
standby mode other than through a power-on reset, auto-refreshing is restarted if the RFSH bit is
set to 1 and the RMODE bit is cleared to 0 when self-refresh mode is cleared. If the transition
from clearing of self-refresh mode to the start of auto-refreshing takes time, this time should be
taken into consideration when setting the initial value of RTCNT. Making the RTCNT value 1 less
than the RTCOR value will enable refreshing to be started immediately.
After self-refreshing has been set, the self-refresh state continues even if the chip standby state is
entered using the LSI standby function, and is maintained even after recovery from standby mode
due to an interrupt. Note that the necessary signals such as CKE must be driven even in standby
state by setting the HIZCNT bit in CMNCR to 1.
In case of a power-on reset, the bus state controller's registers are initialized, and therefore the
self-refresh state is cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com