Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 293 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 293 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 289Page - Renesas Technology Corp SH7672 Datasheet HTML 290Page - Renesas Technology Corp SH7672 Datasheet HTML 291Page - Renesas Technology Corp SH7672 Datasheet HTML 292Page - Renesas Technology Corp SH7672 Datasheet HTML 293Page - Renesas Technology Corp SH7672 Datasheet HTML 294Page - Renesas Technology Corp SH7672 Datasheet HTML 295Page - Renesas Technology Corp SH7672 Datasheet HTML 296Page - Renesas Technology Corp SH7672 Datasheet HTML 297Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 293 / 1292 page
background image
Section 7
Bus State Controller (BSC)
Rev. 1.00 Nov. 14, 2007 Page 267 of 1262
REJ09B0437-0100
(11) Power-On Sequence
In order to use SDRAM, mode setting must first be made for SDRAM after waiting for 100
µs or
a longer period after powering on. This 100-
µs or longer period should be obtained by a power-on
reset generating circuit or software.
To perform SDRAM initialization correctly, the bus state controller registers must first be set,
followed by a write to the SDRAM mode register. In SDRAM mode register setting, the address
signal value at that time is latched by a combination of the
CSn, RAS, CAS, and RD/WR signals.
If the value to be set is X, the bus state controller provides for value X to be written to the
SDRAM mode register by performing a write to address H'FFFC5000 + X for area 3 SDRAM. In
this operation the data is ignored, but the mode write is performed as a byte-size access. To set
burst read/single write, CAS latency 2 to 3, wrap type = sequential, and burst length 1 supported
by the LSI, arbitrary data is written in a byte-size access to the addresses shown in table 7.18. In
this time 0 is output at the external address pins of A12 or later.
Table 7.18
Access Address in SDRAM Mode Register Write
• Setting for Area 3
Burst read/single write (burst length 1):
Data Bus Width
CAS Latency
Access Address
External Address Pin
16 bits
2
H'FFFC5440
H'0000440
3
H'FFFC5460
H'0000460
32 bits
2
H'FFFC5880
H'0000880
3
H'FFFC58C0
H'00008C0
Burst read/burst write (burst length 1):
Data Bus Width
CAS Latency
Access Address
External Address Pin
16 bits
2
H'FFFC5040
H'0000040
3
H'FFFC5060
H'0000060
32 bits
2
H'FFFC5080
H'0000080
3
H'FFFC50C0
H'00000C0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com