Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 295 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 295 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 291Page - Renesas Technology Corp SH7672 Datasheet HTML 292Page - Renesas Technology Corp SH7672 Datasheet HTML 293Page - Renesas Technology Corp SH7672 Datasheet HTML 294Page - Renesas Technology Corp SH7672 Datasheet HTML 295Page - Renesas Technology Corp SH7672 Datasheet HTML 296Page - Renesas Technology Corp SH7672 Datasheet HTML 297Page - Renesas Technology Corp SH7672 Datasheet HTML 298Page - Renesas Technology Corp SH7672 Datasheet HTML 299Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 295 / 1292 page
background image
Section 7
Bus State Controller (BSC)
Rev. 1.00 Nov. 14, 2007 Page 269 of 1262
REJ09B0437-0100
(12) Low-Power SDRAM
The low-power SDRAM can be accessed using the same protocol as the normal SDRAM.
The differences between the low-power SDRAM and normal SDRAM are that partial refresh
takes place that puts only a part of the SDRAM in the self-refresh state during the self-refresh
function, and that power consumption is low during refresh under user conditions such as the
operating temperature. The partial refresh is effective in systems in which there is data in a work
area other than the specific area can be lost without severe repercussions.
The low-power SDRAM supports the extension mode register (EMRS) in addition to the mode
registers as the normal SDRAM. This LSI supports issuing of the EMRS command.
The EMRS command is issued according to the conditions specified in table below. For example,
if data H'0YYYYYYY is written to address H'FFFC5XX0 in longword, the commands are issued
to the CS3 space in the following sequence: PALL -> REF
× 8 -> MRS -> EMRS. In this case, the
MRS and EMRS issue addresses are H'0000XX0 and H'YYYYYYY, respectively. If data
H'1YYYYYYY is written to address H'FFFC5XX0 in longword, the commands are issued to the
CS3 space in the following sequence: PALL -> MRS -> EMRS.
Table 7.19
Output Addresses when EMRS Command Is Issued
Command to be
Issued
Access
Address
Access Data
Write
Access
Size
MRS
Command
Issue Address
EMRS
Command
Issue Address
CS3 MRS
H'FFFC5XX0
H'********
16 bits
H'0000XX0
CS3 MRS + EMRS
(with refresh)
H'FFFC5XX0
H'0YYYYYYY 32 bits
H'0000XX0
H'YYYYYYY
CS3 MRS + EMRS
(without refresh)
H'FFFC5XX0
H'1YYYYYYY 32 bits
H'0000XX0
H'YYYYYYY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com