Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 294 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 294 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 290Page - Renesas Technology Corp SH7672 Datasheet HTML 291Page - Renesas Technology Corp SH7672 Datasheet HTML 292Page - Renesas Technology Corp SH7672 Datasheet HTML 293Page - Renesas Technology Corp SH7672 Datasheet HTML 294Page - Renesas Technology Corp SH7672 Datasheet HTML 295Page - Renesas Technology Corp SH7672 Datasheet HTML 296Page - Renesas Technology Corp SH7672 Datasheet HTML 297Page - Renesas Technology Corp SH7672 Datasheet HTML 298Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 294 / 1292 page
background image
Section 7
Bus State Controller (BSC)
Rev. 1.00 Nov. 14, 2007 Page 268 of 1262
REJ09B0437-0100
Mode register setting timing is shown in figure 7.28. A PALL command (all bank pre-charge
command) is firstly issued. A REF command (auto refresh command) is then issued 8 times. An
MRS command (mode register write command) is finally issued. Idle cycles, of which number is
specified by the WTRP1 and WTRP0 bits in CS3WCR, are inserted between the PALL and the
first REF. Idle cycles, of which number is specified by the WTRC1 and WTRC0 bits in CS3WCR,
are inserted between REF and REF, and between the 8th REF and MRS. Idle cycles, of which
number is one or more, are inserted between the MRS and a command to be issued next.
It is necessary to keep idle time of certain cycles for SDRAM before issuing PALL command after
power-on. Refer to the manual of the SDRAM for the idle time to be needed. When the pulse
width of the reset signal is longer than the idle time, mode register setting can be started
immediately after the reset, but care should be taken when the pulse width of the reset signal is
shorter than the idle time.
Tpw
Tp
Trr
Trc
Trc
Tmw
Hi-Z
Tnop
Trc
Trr
Trc
REF
REF
MRS
PALL
CKIO
A25 to A0
CSn
RD/
WR
RASL, RASU
DQMxx
D31 to D0
BS
DACKn*2
A12/A11*1
CASL, CASU
Notes: 1. Address pin to be connected to pin A10 of SDRAM.
2. The waveform for DACKn is when active low is specified.
Figure 7.28
SDRAM Mode Write Timing (Based on JEDEC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com