Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 298 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 298 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 294Page - Renesas Technology Corp SH7672 Datasheet HTML 295Page - Renesas Technology Corp SH7672 Datasheet HTML 296Page - Renesas Technology Corp SH7672 Datasheet HTML 297Page - Renesas Technology Corp SH7672 Datasheet HTML 298Page - Renesas Technology Corp SH7672 Datasheet HTML 299Page - Renesas Technology Corp SH7672 Datasheet HTML 300Page - Renesas Technology Corp SH7672 Datasheet HTML 301Page - Renesas Technology Corp SH7672 Datasheet HTML 302Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 298 / 1292 page
background image
Section 7
Bus State Controller (BSC)
Rev. 1.00 Nov. 14, 2007 Page 272 of 1262
REJ09B0437-0100
7.5.6
SRAM Interface with Byte Selection
The SRAM interface with byte selection is for access to an SRAM which has a byte-selection pin
(
WEn). This interface has 16-bit data pins and accesses SRAMs having upper and lower byte
selection pins, such as UB and LB.
When the BAS bit in CSnWCR is cleared to 0 (initial value), the write access timing of the SRAM
interface with byte selection is the same as that for the normal space interface. While in read
access of a byte-selection SRAM interface, the byte-selection signal is output from the
WEn pin,
which is different from that for the normal space interface. The basic access timing is shown in
figure 7.31. In write access, data is written to the memory according to the timing of the byte-
selection pin (
WEn). For details, please refer to the Data Sheet for the corresponding memory.
If the BAS bit in CSnWCR is set to 1, the
WEn pin and RD/WR pin timings change. Figure 7.32
shows the basic access timing. In write access, data is written to the memory according to the
timing of the write enable pin (RD/
WR). The data hold timing from RD/WR negation to data write
must be acquired by setting the HW1 and HW0 bits in CSnWCR. Figure 7.33 shows the access
timing when a software wait is specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com