Electronic Components Datasheet Search
  English  ▼

X  

ADS1282IPWR Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1282IPWR
Description  High-Resolution Analog-to-Digital Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1282IPWR Datasheet(HTML) 32 Page - Texas Instruments

Back Button ADS1282IPWR Datasheet HTML 28Page - Texas Instruments ADS1282IPWR Datasheet HTML 29Page - Texas Instruments ADS1282IPWR Datasheet HTML 30Page - Texas Instruments ADS1282IPWR Datasheet HTML 31Page - Texas Instruments ADS1282IPWR Datasheet HTML 32Page - Texas Instruments ADS1282IPWR Datasheet HTML 33Page - Texas Instruments ADS1282IPWR Datasheet HTML 34Page - Texas Instruments ADS1282IPWR Datasheet HTML 35Page - Texas Instruments ADS1282IPWR Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
USER CALIBRATION
FSC[2:0]=400000h ´
ExpectedOutputCode
ActualOutputCode
(13)
FSC[2:0]=400000h ´
ExpectedRMSValue
ActualRMSValue
(14)
ADS1282
SBAS418E – SEPTEMBER 2007 – REVISED OCTOBER 2008 ........................................................................................................................................ www.ti.com
The value written to the FSC registers is calculated
by Equation 13.
System calibration of the ADS1282 can be performed
without
using
the
calibration
commands.
This
DC signal calibration is shown in Equation 13. The
procedure requires the calibration values to be
expected output code is based on 31-bit output data.
externally
calculated
and
then
written
to
the
calibration registers. The steps for this procedure are:
1. Set
the
OFSCAL[2:0]
register
=
0h
and
GANCAL[2:0] = 400000h. These values set the
offset and gain registers to 0 and 1, respectively.
For ac signal calibration, use an RMS value of
collected data (as shown in Equation 14).
2. Apply a zero differential input to the input of the
system. Wait for the system to settle and then
average n output readings. Higher numbers of
averaged readings result in more consistent
calibration. Write the averaged value to the OFC
register.
3. Apply a differential dc signal, or an ac signal
(typically full-scale, but not to exceed 103%
full-scale). Wait for the system to settle and then
average the n output readings.
32
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): ADS1282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com