Electronic Components Datasheet Search
  English  ▼

X  

ADS1282IPWR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1282IPWR
Description  High-Resolution Analog-to-Digital Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1282IPWR Datasheet(HTML) 1 Page - Texas Instruments

  ADS1282IPWR Datasheet HTML 1Page - Texas Instruments ADS1282IPWR Datasheet HTML 2Page - Texas Instruments ADS1282IPWR Datasheet HTML 3Page - Texas Instruments ADS1282IPWR Datasheet HTML 4Page - Texas Instruments ADS1282IPWR Datasheet HTML 5Page - Texas Instruments ADS1282IPWR Datasheet HTML 6Page - Texas Instruments ADS1282IPWR Datasheet HTML 7Page - Texas Instruments ADS1282IPWR Datasheet HTML 8Page - Texas Instruments ADS1282IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
ADS1282
1
FEATURES
DESCRIPTION
APPLICATIONS
4th-Order
DS
Modulator
Programmable
DigitalFilter
SPI
Interface
Calibration
Control
CLK
AVDD
AVSS
DVDD
DGND
Over-Range
ModulatorOutput
ADS1282
DOUT
DIN
DRDY
SCLK
SYNC
RESET
PWDN
3
PGA
Input1
Input2
VREFN
VREFP
V
COM
ADS1282
www.ti.com ........................................................................................................................................ SBAS418E – SEPTEMBER 2007 – REVISED OCTOBER 2008
High-Resolution Analog-to-Digital Converter
2
• High Resolution:
The ADS1282 is an extremely high-performance,
130dB SNR (250SPS, High-Resolution Mode)
single-chip analog-to-digital converter (ADC) with an
127dB SNR (250SPS, Low-Power Mode)
integrated, low-noise programmable gain amplifier
(PGA) and two-channel input multiplexer (MUX). The
• High Accuracy:
ADS1282 is suitable for the demanding needs of
THD: –122dB
energy
exploration
and
seismic
monitoring
INL: 0.5ppm
environments.
• Low-Noise PGA
The converter uses a fourth-order, inherently stable,
• Two-Channel Input MUX
delta-sigma (
ΔΣ) modulator that provides outstanding
• Inherently-Stable Modulator with Fast
noise and linearity performance. The modulator is
Responding Over-Range Detection
used either in conjunction with the on-chip digital
filter,
or
can
be
bypassed
for
use
with
post
• Flexible Digital Filter:
processing filters.
Sinc + FIR + IIR (Selectable)
Linear or Minimum Phase Response
The
flexible
input
MUX
provides
an
additional
Programmable High-Pass Filter
external input for measurement, as well as internal
self-test connections. The PGA features outstanding
Selectable FIR Data Rates: 250SPS to 4kSPS
low noise (5nV/
√Hz) and high input impedance,
• Filter Bypass Option
allowing
easy
interfacing
to
geophones
and
• Low Power Consumption:
hydrophones over a wide range of gains.
High-Resolution Mode: 25mW
The digital filter provides selectable data rates from
Low-Power Mode: 17mW
250 to 4000 samples per second (SPS). The
Shutdown: 10
µW
high-pass filter (HPF) features an adjustable corner
• Offset and Gain Calibration Engine
frequency. On-chip gain and offset scaling registers
• SYNC Input
support system calibration.
• Analog Supply:
The synchronization input (SYNC) can be used to
Unipolar (+5V) or Bipolar (±2.5V)
synchronize the conversions of multiple ADS1282s.
The SYNC input also accepts a clock input for
• Digital Supply: 1.8V to 3.3V
continuous alignment of conversions from an external
source.
Two operating modes allow optimization of noise and
• Energy Exploration
power. Together, the amplifier, modulator, and filter
• Seismic Monitoring
dissipate 25mW and only 17mW in low-power mode.
• High-Accuracy Instrumentation
The ADS1282 is available in a compact TSSOP-28
package and is fully specified from –40°C to +85°C,
with a maximum operating range to +125°C.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADS1282IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1282IPWR TI-ADS1282IPWR Datasheet
581Kb / 42P
High-Resolution Analog-to-Digital Converter
ADS1282IPWR TI-ADS1282IPWR Datasheet
1Mb / 52P
High-Resolution Analog-to-Digital Converter
ADS1282IPWR TI1-ADS1282IPWR Datasheet
1Mb / 61P
Radiation Tolerant High-Resolution Delta Sigma ADC
ADS1282IPWR TI2-ADS1282IPWR Datasheet
1Mb / 54P
ADS1282 High-Resolution Analog-To-Digital Converter
REVISED MARCH 2015
ADS1282IPWR.A TI2-ADS1282IPWR.A Datasheet
1Mb / 54P
ADS1282 High-Resolution Analog-To-Digital Converter
REVISED MARCH 2015
More results

Similar Description - ADS1282IPWR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC729 BURR-BROWN-DAC729 Datasheet
272Kb / 12P
Ultra-High Resolution 18-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
ADS1281 TI-ADS1281 Datasheet
767Kb / 46P
High-Resolution Analog-to-Digital Converter
ADS1282 TI-ADS1282 Datasheet
581Kb / 42P
High-Resolution Analog-to-Digital Converter
ADS1282 TI-ADS1282_08 Datasheet
1Mb / 52P
High-Resolution Analog-to-Digital Converter
ADS1282-HT TI1-ADS1282-HT Datasheet
1Mb / 60P
HIGH-RESOLUTION ANALOG-TO-DIGITAL CONVERTER
DAC56U TI1-DAC56U Datasheet
124Kb / 6P
Monolithic 16-Bit Resolution DIGITAL-TO-ANALOG CONVERTER
ADS1281 TI1-ADS1281_14 Datasheet
910Kb / 51P
High-Resolution Analog-to-Digital Converter
logo
Analog Devices
DAC14QM AD-DAC14QM_15 Datasheet
2Mb / 6P
HIGH RESOLUTION DIGITAL TO ANALOG CONVERTER
logo
Texas Instruments
ADS1283 TI1-ADS1283 Datasheet
108Kb / 5P
High-Resolution, Analog-to-Digital Converter
ADS1284 TI1-ADS1284 Datasheet
98Kb / 5P
High-Resolution, Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com